Electronic Components Datasheet Search
  English  ▼

X  

VM147 Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # VM147
Description  Programmable sinking output current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM147 Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button VM147 Datasheet HTML 4Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 5Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 6Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 8Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 9Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 10Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 11Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 12Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
110mA, 10Bit Current Sinking VCM Driver with I2C Interface
Version
:A.001
Page7
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
VM147
Table
MSB
LSB
Serial Data Bits
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Input Register
R15 R14 R13 R12 R11 R10 R09 R08 R07 R06 R05 R04 R03 R02 R01 R00
Function
SPS 0
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
0
S2
S1
S0
SPS (Soft Power Saving, 2
nd standby mode): IC power saving, controlled by
software.
The operations are defined by the following table.
PS
SPS
IC status
High
-
Power saving
Low
Normal
Low
High
Soft power saving
If PS is at logic high level; the chip is forced to shut down all power. If PS is at logic low
level, the chip will be controlled by the SPS bit(the R15 bit of the register) to perform
normally(SPS=Low) or to softly power off the IC(SPS=High). It is recommended to keep PS
at high level (PS = H) while the chip is in no operation mode to save power for all
applications.
D[9:0]:
The level of sink current through pin SINK is set by D[9:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com