Electronic Components Datasheet Search
  English  ▼

X  

VM147 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # VM147
Description  Programmable sinking output current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM147 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  VM147 Datasheet HTML 1Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 2Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 3Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 4Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 5Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 6Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 8Page - Silicon Touch Technology Inc. VM147 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
110mA, 10Bit Current Sinking VCM Driver with I2C Interface
Version
:A.001
Page1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
VM147
VM147
110mA, 10-Bit Current Sinking VCM Driver
with I
2C Interface
General Specifications
The VM147 is a VCM(Voice Coil Motor) driver IC with I2C interface control that is capable
of programmable sinking output current. It has a built-in internal voltage reference and
operates with a supply voltage range from 2.4V to 5.5V. The DAC is controlled by a signal
transmit through a 2-wire I2C serial interface which operates in an I2C fast mode (400 kHz).
The VM147 is designed for applications such as image stabilization, auto-focus, optical
zoom in camera phones, and other portable module devices.
Features and Benefits
Programmable sinking output current
I2C serial interface
DAC with 10-BIT resolution
2.4V – 5.5V power source
Selective Output Slew Rate Control(SRC)
Low voltage control for digital pin PS, SDA, and SCL(i.e., VIH = 1.68V @ VDD = 2.8V)
Power saving mode leakage current 2.4uA max.
Power saving mode
Automatic power on reset
Ultra small package: WLCSP (0.78*1.27*0.35mm)
Ordering Information
Part Number
Package
Marking
VM147 WLCSP
WLCSP, 6Pin
7XX*
*XX reserved for a data code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com