Electronic Components Datasheet Search
  English  ▼

X  

VM149F Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # VM149F
Description  Programmable sinking output current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM149F Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  VM149F Datasheet HTML 1Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 2Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 3Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 4Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 5Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 6Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 7Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 8Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
120mA, 10Bit Current Sinking VCM Driver with I
2C Interface
Version:A.002
Page2
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
VM149F
Terminology
Resolution
The DAC resolution is defined by the power factor of 2, which defines the number of
distinct digitized levels.
N-bit resolution -> 2N distinct digitized levels
Differential Nonlinearity (DNL) error
The variation in digitized step value away from 1 LSB by any two adjacent digitized levels,
gain and offset errors removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com