Electronic Components Datasheet Search
  English  ▼

X  

VM149F Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # VM149F
Description  Programmable sinking output current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM149F Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button VM149F Datasheet HTML 3Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 4Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 5Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 6Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 7Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 8Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 9Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 10Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
120mA, 10Bit Current Sinking VCM Driver with I
2C Interface
Version:A.002
Page6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
VM149F
Data Format
VM149F Write Mode
In the writing mode, data is written to the VM149F and shifted into a 16-bit input register.
After all 16 bits of data have been shifted in, a STOP signal is generated by master
controller. The data in the input register is transferred to the DAC at the same time.
SCL
SDA
01
1
00
0
0
W
9
19
1
9
1
ACK by
11-VM149
ACK by
11-VM149
ACK by
11-VM149
STOP by
MASTER
START by
MASTER
FRAME 1
Serial Bus Address Byte
FRAME 2
Most Significant
Data Byte
FRAME 3
Least Significant
Data Byte
SPS
D9 D8 D7 D6 D5 D4
D3 D2 D1 D0 S3 S2 S1 S0
0
VM149F Read Mode
In reading mode, data is read from IC to a master controller in the same bit order.
STOP by
MASTER
SCL
SDA
01
1
00
0
0
R
9
19
1
9
1
ACK by
11-VM149
ACK by
MASTER
NACK by
MASTER
START by
MASTER
FRAME 1
Serial Bus Address Byte
FRAME 2
Most Significant
Data Byte
FRAME 3
Least Significant
Data Byte
SPS
D9 D8 D7 D6 D5 D4
D3 D2 D1 D0 S3 S2 S1 S0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com