Electronic Components Datasheet Search
  English  ▼

X  

VM149F Datasheet(PDF) 1 Page - Silicon Touch Technology Inc.

Part # VM149F
Description  Programmable sinking output current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM149F Datasheet(HTML) 1 Page - Silicon Touch Technology Inc.

  VM149F Datasheet HTML 1Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 2Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 3Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 4Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 5Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 6Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 7Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 8Page - Silicon Touch Technology Inc. VM149F Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
新竹市科學園區展業一路 9 號 7 樓之 1
SILICON TOUCH TECHNOLOGY INC.
9-7F-1, Prosperity Road I, Science Based Industrial Park,
Hsin-Chu, Taiwan 300, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
VM149F
Version
: A.002
Issue Date
: 2013-10-14
File Name
: SP-VM149F-A.002.doc
Total Page
: 12
120mA, 10Bit Current Sinking VCM Driver
with I
2C Interface


Similar Part No. - VM149F

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
VM149A SITI-VM149A Datasheet
268Kb / 13P
Programmable sinking output current
VM149B SITI-VM149B Datasheet
268Kb / 13P
Programmable sinking output current
VM149C SITI-VM149C Datasheet
384Kb / 12P
Programmable sinking output current
VM149D SITI-VM149D Datasheet
263Kb / 12P
Programmable sinking output current
VM149E SITI-VM149E Datasheet
388Kb / 13P
Programmable sinking output current
More results

Similar Description - VM149F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE567V TI-NE567V Datasheet
1Mb / 18P
Logic Compatible Output with 100 mA Current Sinking Capability
logo
List of Unclassifed Man...
SS22PE ETC2-SS22PE Datasheet
62Kb / 1P
BLOCK DIAGRAM CURRENT SINKING OUTPUT
logo
Silicon Touch Technolog...
VM147 SITI-VM147 Datasheet
272Kb / 13P
Programmable sinking output current
VM149A SITI-VM149A Datasheet
268Kb / 13P
Programmable sinking output current
VM149B SITI-VM149B Datasheet
268Kb / 13P
Programmable sinking output current
VM149C SITI-VM149C Datasheet
384Kb / 12P
Programmable sinking output current
VM149D SITI-VM149D Datasheet
263Kb / 12P
Programmable sinking output current
VM149E SITI-VM149E Datasheet
388Kb / 13P
Programmable sinking output current
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
Miller Clamp Sinking Current
logo
Honeywell Solid State E...
103SR13A-2 HONEYWELL-103SR13A-2 Datasheet
55Kb / 3P
Current sinking or current sourcing ouput
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com