Electronic Components Datasheet Search
  English  ▼

X  

3076F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3076F
Description  1 pair 18 AWG stranded (7x26) tinned copper conductors, polyolefin insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3076F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3076F Datasheet HTML 1Page - List of Unclassifed Manufacturers 3076F Datasheet HTML 2Page - List of Unclassifed Manufacturers 3076F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Other Specification:
ITC-ER
Flame Test
UL Flame Test:
UL1666 Riser
C(UL) Flame Test:
FT4
IEEE Flame Test:
1202, IEEE 383 Vertical Tray Flame Test (70,000 BTU)
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes
Suitability - Burial:
Yes - UL
Sunlight Resistance:
Yes
Oil Resistance:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Unaveraged Impedance:
Freq. (MHz) Impedance (Ohm)
0.031
100.000
Nom. Inductance:
Inductance (µH/m)
0.62339
Nom. Capacitance Conductor to Shield:
Capacitance (pF/m)
147.645
Nom. Mutual Capacitance:
Capacitance (pF/m)
78.744
Maximum Capacitance Unbalance:
Capacitance (pF/m)
3.937
Nominal Velocity of Propagation:
VP (%)
66
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
19.2267
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
24.608
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
0.039
0.262
Max. Attenuation:
()
Freq. (MHz) Attenuation (dB/100m)
0.298571 0.039
0.300
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Description
Current
Page 2 of 3
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
3076F Multi-Conductor - DataBus® ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com