Electronic Components Datasheet Search
  English  ▼

X  

3076F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 3076F
Description  1 pair 18 AWG stranded (7x26) tinned copper conductors, polyolefin insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3076F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  3076F Datasheet HTML 1Page - List of Unclassifed Manufacturers 3076F Datasheet HTML 2Page - List of Unclassifed Manufacturers 3076F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Per Conductor 5.2 Amps
Other Electrical Characteristic 1:
Max Propagation Delay Change From 7.812 kHz to 39.06 kHz: 518 pS/ft
Other Electrical Characteristic 2:
31.25 KBits/sec
Notes (Overall)
Notes: Fieldbus: Orange jacket. Profibus PA: Intrinsically Safe Blue jacket. Jacket diameter tolerance: +/- .010
Related Documents:
FieldbusCertificate-3076F.pdf - This is a Foundation H1 Cable Registration Certification for 3076F.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
3076F 0031000
1,000 FT
48.000 LB
ORANGE
C
TW PR #18 PP FS PVC
3076F 00310000
10,000 FT
510.000 LB
ORANGE
TW PR #18 PP FS PVC
3076F 003250
250 FT
14.000 LB
ORANGE
C
TW PR #18 PP FS PVC
3076F 0032500
2,500 FT
120.000 LB
ORANGE
C
TW PR #18 PP FS PVC
3076F 003500
500 FT
25.500 LB
ORANGE
C
TW PR #18 PP FS PVC
3076F 0035000
5,000 FT
240.000 LB
ORANGE
C N
TW PR #18 PP FS PVC
3076F 0061000
1,000 FT
48.000 LB
BLUE, LIGHT
C
TW PR #18 PP FS PVC
Notes:
C = CRATE REEL PUT-UP.
N = FINAL PUT-UP LENGTH MAY VARY -0% TO +10% FROM LENGTH SHOWN.
Revision Number: 7
Revision Date: 06-18-2014
© 2015 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
3076F Multi-Conductor - DataBus® ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com