Electronic Components Datasheet Search
  English  ▼

X  

3076F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3076F
Description  1 pair 18 AWG stranded (7x26) tinned copper conductors, polyolefin insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3076F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3076F Datasheet HTML 1Page - List of Unclassifed Manufacturers 3076F Datasheet HTML 2Page - List of Unclassifed Manufacturers 3076F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
1 pair 18 AWG stranded (7x26) tinned copper conductors, polyolefin insulation, polyolefin filler, Beldfoil®
shield (100% coverage), tinned copper drain wire, binder, PVC jacket. Fieldbus Foundation Registered
Product.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material Dia. (mm)
1
18
7x26
TC - Tinned Copper 1.168
Total Number of Conductors:
2
Insulation
Insulation Material:
Insulation Material
PO - Polyolefin
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
20
7x28
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Outer Jacket Diameter:
Nom. Dia. (mm)
7.112
Overall Cable
Overall Cabling Fillers:
Polypropylene
Overall Cabling Lay Length & Direction:
Length (mm) Twists (twist/m)
57.150
17.3893
Mechanical Characteristics (Overall)
Operating Temperature Range:
-40°C To +105°C
UL Temperature Rating:
105°C
Bulk Cable Weight:
56.552 Kg/Km
Max. Recommended Pulling Tension:
266.892 N
Min. Bend Radius/Minor Axis:
63.500 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM, CMX-Outdoor, PLTC-ER
NEC Articles:
725, 727, 800
CEC/C(UL) Specification:
CMG
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
Page 1 of 3
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
3076F Multi-Conductor - DataBus® ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable


Similar Part No. - 3076F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3076F BELDEN-3076F Datasheet
258Kb / 3P
Fieldbus, 1 Pr #18 Str TC, PO Ins, OS, PVC Jkt, Flexible SUN RES OIL RES
3076F0031000 BELDEN-3076F0031000 Datasheet
258Kb / 3P
Fieldbus, 1 Pr #18 Str TC, PO Ins, OS, PVC Jkt, Flexible SUN RES OIL RES
3076F00310000 BELDEN-3076F00310000 Datasheet
258Kb / 3P
Fieldbus, 1 Pr #18 Str TC, PO Ins, OS, PVC Jkt, Flexible SUN RES OIL RES
3076F003250 BELDEN-3076F003250 Datasheet
258Kb / 3P
Fieldbus, 1 Pr #18 Str TC, PO Ins, OS, PVC Jkt, Flexible SUN RES OIL RES
3076F0032500 BELDEN-3076F0032500 Datasheet
258Kb / 3P
Fieldbus, 1 Pr #18 Str TC, PO Ins, OS, PVC Jkt, Flexible SUN RES OIL RES
More results

Similar Description - 3076F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345945 ETC2-1345945 Datasheet
100Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1347086 ETC2-1347086 Datasheet
98Kb / 3P
18 AWG stranded (19x30) tinned copper conductors
1347098 ETC2-1347098 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors,
1348168 ETC2-1348168 Datasheet
102Kb / 3P
18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
1351272 ETC2-1351272 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
8461 ETC2-8461 Datasheet
96Kb / 2P
18 AWG stranded (7x26) tinned copper conductors, PVC insulation, twisted pair, PVC jacket.
7961A ETC2-7961A Datasheet
122Kb / 3P
22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
7962A ETC2-7962A Datasheet
122Kb / 3P
22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com