Electronic Components Datasheet Search
  English  ▼

X  

AWB7124P9 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWB7124P9
Description  728 MHz to 768 MHz Small-Cell Power Amplifier Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWB7124P9 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWB7124P9 Datasheet HTML 1Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 2Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 3Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 4Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 5Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 6Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 7Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 8Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PRELIMINARY DATA SHEET - Rev 1.2
05/2016
AWB7124
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)
728
-768
MHz
Supply Voltage (VCC)+3.2+4.2+4.5V
Reference Voltage (VREF)
+2.80
0
+2.85
-
+2.90
+0.5
V
PA "on"
PA "shut down"
RF Output Power (POUT) (1)
-+24.5
-
dBm
Case Temperature (TC) (2)
-40-
+85°C
Functional operation is not implied under these conditions. Exceeding any
one or a combination of the Absolute Maximum Rating Conditions may cause
permanent damage to the device. Exposure to absolute ratings for extended
periods of time may adversely affect reliability.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VCC)
0
+5
V
Reference Voltage (VREF)
0
+3.5
V
RF Output Power (POUT)
-
+28
dBm,
modulated
RF Input Power (PIN)
-
+10
dBm, CW
ESD Rating
Human Body Model (1)
Charged Device Model (2)
Class 1C
Class IV
-
-
MSL Rating (3)
4
-
Junction Temperature (TJ)
-
+150
°C
Storage Temperature (TSTG)
-40
+150
°C
Notes:
(1) JEDEC JS-001-2010.
(2) JEDEC JESD22-C101D.
(3) 260 °C peak reflow.
Notes:
(1) Typ RF Output Power is used during production test.
(2) Case Temperature references the board temperature at the ground paddle on the backside of the package.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com