Electronic Components Datasheet Search
  English  ▼

X  

AWB7124P9 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWB7124P9
Description  728 MHz to 768 MHz Small-Cell Power Amplifier Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWB7124P9 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWB7124P9 Datasheet HTML 1Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 2Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 3Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 4Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 5Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 6Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 7Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 8Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
05/2016
AWB7124
728 MHz to 768 MHz
Small-Cell Power Amplifier Module
PRELIMINARY DATA SHEET - Rev 1.2
14 Pin 7 mm x 7 mm x 1.3 mm
Surface Mount Module
Figure 1: Block Diagram
PRODUCT DESCRIPTION
The AWB7124 is a highly linear, fully matched, power
amplifier module designed for picocell, femtocell, and
customer premises equipment (CPE) applications.Its
high power efficiency and low adjacent channel power
levels meet the extremely demanding needs of small
cell infrastructure architectures. Designed for LTE,
WCDMA and HSDPA air interfaces operating in the
728 MHz to 768 MHz band, the AWB7124 delivers
up to +24.5 dBm of LTE (E-TM1.1) power with an
FEATURES
• InGaP HBT Technology
• -47 dBc ACPR @ + 10 MHz, +24.5 dBm
• 30 dB Gain
• High Efficiency
• Low Transistor Junction Temperature
• Internally matched for a 50 Ω System
• Low Profile Miniature Surface Mount Package;
Halogen Free and RoHS Compliant
• Multi-Carrier Capability
APPLICATIONS
• LTE, WCDMA and HSDPA Air Interfaces
• Picocell, Femtocell, Home Nodes
• Customer Premises Equipment (CPE)
• Data Cards and Terminals
ACPR of -47 dBc. It operates from a convenient
+4.2 V supply and provides 30 dB of gain. The
device is manufactured using an advanced InGaP
HBT MMIC technology offering state-of-the-art
reliability, temperature stability, and ruggedness.
The self-contained 7 mm x 7 mm x 1.3 mm surface
mount package incorporates RF matching networks
optimized for output power, efficiency, and linearity in
a 50 Ω system.
RF Input
Vcc1
Vref
Matching
Network
Bias
Network
Vcc2
RF Output
Matching
Network
Detector
Output
Power
Detector


Similar Part No. - AWB7124P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
Rev 2.3
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122P7 ANADIGICS-AWB7122P7 Datasheet
738Kb / 9P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
Rev 2.3
logo
Skyworks Solutions Inc.
AWB7122P7 SKYWORKS-AWB7122P7 Datasheet
779Kb / 10P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122P8 ANADIGICS-AWB7122P8 Datasheet
738Kb / 9P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
Rev 2.3
More results

Similar Description - AWB7124P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7125 ANADIGICS-AWB7125 Datasheet
593Kb / 9P
860 MHz to 894 MHz Small-Cell Power Amplifier Module
Rev 1.1
AWB7225 ANADIGICS-AWB7225 Datasheet
632Kb / 9P
860 - 894 MHz Small-Cell Power Amplifier Module
Rev 0.1
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
Rev 2.3
AWB7129 ANADIGICS-AWB7129 Datasheet
683Kb / 9P
925 MHz to 960 MHz Small-Cell Power Amplifier Module
Rev 1.1
AWB7224 ANADIGICS-AWB7224 Datasheet
777Kb / 9P
728 - 768 MHz Small-Cell Power Amplifier Module
Rev 1.1
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
AWB7125 SKYWORKS-AWB7125 Datasheet
785Kb / 10P
860 MHz to 894 MHz Small-Cell Power Amplifier Module
AWB7224 SKYWORKS-AWB7224 Datasheet
802Kb / 10P
728 - 768 MHz Small-Cell Power Amplifier Module
AWB7138 SKYWORKS-AWB7138 Datasheet
676Kb / 9P
791 to 821 MHz Small-Cell Power Amplifier Module
May 8, 2019
AWB7238 SKYWORKS-AWB7238 Datasheet
540Kb / 9P
791 to 821 MHz Small-Cell Power Amplifier Module
July 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com