Electronic Components Datasheet Search
  English  ▼

X  

AWB7124P9 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AWB7124P9
Description  728 MHz to 768 MHz Small-Cell Power Amplifier Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWB7124P9 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AWB7124P9 Datasheet HTML 1Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 2Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 3Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 4Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 5Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 6Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 7Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 8Page - ANADIGICS, Inc AWB7124P9 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PRELIMINARY DATA SHEET - Rev 1.2
05/2016
AWB7124
APPLICATION INFORMATION
To ensure proper performance, refer to all related
Application Notes on the ANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
The power amplifier may be placed in a shutdown
mode by applying logic low levels (see Operating
Ranges table) to the VREF voltage.
Figure 3: Application Circuit Schematic
0.1uF
100uF
GND
at slug
RF Input
GND
VCC2
VREF
GND
GND
RFIN
VCC1
2
RF Output
1000pF
4.7KΩ
RFOUT
GND
VDET
3
4
5
6
7
9
8
14
10
11
12
13
GND
GND
VCC2
10uF
0.1uF
VREF
VCC1
10uF
1000pF
0.1uF
100uF
DETOUT
0.1uF
100KΩ
AWB7124
1
TVS
Diode
TVS
Diode
Notes:
1. 10uF and 100uF capacitors are optional.
2. Applications that have large supply voltage transients may benefit from the
use of TVS diodes. For such applications, recommended TVS diodes are
SM05T1G or SMJ5.0A.
GND
1000pF
GND
100uF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com