Electronic Components Datasheet Search
  English  ▼

X  

MSK5061RH Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5061RH
Description  RAD HARD LOW VOLTAGE 10A SWITCHING REGULATOR WITH CURRENT SHARE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5061RH Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5061RH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 9Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
VIN1
VIN2
VIN3
VIN4
VIN5
ISHA
ISHREFA
ISHB
ISHREFB
ISHC
ISHREFC
SS
PGOOD
ISHCOM
ISHSL
ISHEN
PORSEL
SYNC
M/S
FSEL
VIN6
VIN7
VIN8
VIN9
VIN10
PGND1/CASE
PGND2
PGND3
PGND4
PGND5
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
VOUT8
VOUT9
VOUT10
VOUT11
PGND6
PGND7
PGND8
PGND9
PGND10
AGND
EN
REF
FB
TYPICAL APPLICATIONS
• Low Voltage High Current Point of Load Regulation
• High Efficiency Satellite and space craft power supply
• High power FPGA, ASIC, µP, & Analog POL
PIN-OUT INFORMATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
ABSOLUTE MAXIMUM RATINGS
VIN
Supply Voltage ...................................................6.2V
IOUT Output Current.....................................................12A
TC
Case Operating Temperature Range
MSK5061K/HRH............................-55°C to +125°C
MSK5061RH....................................-40°C to +85°C
8
6
TST
Storage Temperature Range............-65°C to +150°C
TLD
Lead Temperature Range
(10 Seconds)....................................................300°C
TJ
Junction Temperature.......................................150°C
ESD Rating....................................................Class 2
2
PRELIMINARY Rev. B 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com