Electronic Components Datasheet Search
  English  ▼

X  

MSK5061RH Datasheet(PDF) 8 Page - M.S. Kennedy Corporation

Part # MSK5061RH
Description  RAD HARD LOW VOLTAGE 10A SWITCHING REGULATOR WITH CURRENT SHARE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5061RH Datasheet(HTML) 8 Page - M.S. Kennedy Corporation

Back Button MSK5061RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 9Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 10Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 11Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
TYPICAL PERFORMANCE CURVES
65%
70%
75%
80%
85%
90%
95%
100%
0
1
2
3
4
5
6
7
8
9
10
LOAD CURRENT (A)
EFFICIENCY vs LOAD CURRENT
PRELIMINARY
0%
20%
40%
60%
80%
100%
120%
-55
-30
-5
20
45
70
95
120
Case Temperature (°C)
RMS OUTPUT CURRENT vs Tc
SOA CURVE
PRELIMINARY
596
596.5
597
597.5
598
598.5
599
599.5
600
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
OVER CURRENT REFERENCE VOLTAGE vs Tc
OCB
OCA
598
598.5
599
599.5
600
600.5
601
601.5
602
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
REFERENCE VOLTAGE vs Tc
900
925
950
975
1000
1025
1050
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
SWITCHING FREQUENCY vs Tc
VIN = 3V
VIN = 5.5V
-200
-150
-100
-50
0
50
100
150
200
-80
-60
-40
-20
0
20
40
60
80
0.1
1
10
100
1000
Frequency (KHz)
MSK5061RH Stability
1VOUT, 3.3VIN, 10A, 500uF
PHASE MARGIN = 75°, GAIN MARGIN = 10.8dB
PRELIMINARY Rev. B 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com