Electronic Components Datasheet Search
  English  ▼

X  

MSK5061RH Datasheet(PDF) 7 Page - M.S. Kennedy Corporation

Part # MSK5061RH
Description  RAD HARD LOW VOLTAGE 10A SWITCHING REGULATOR WITH CURRENT SHARE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5061RH Datasheet(HTML) 7 Page - M.S. Kennedy Corporation

Back Button MSK5061RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 9Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 10Page - M.S. Kennedy Corporation MSK5061RH Datasheet HTML 11Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CURRENT SHARING
Two MSK5061RH can be configured togeth-
er in a robust fault tolerant two phase supply
with current capacity in excess of 20A. In this
mode, a redundant Current Sharing bus bal-
ances the load current between the two de-
vices and communicates any fault conditions.
One MSK5061RH is designated the Master
and the other the Slave. The Master ISHSL pin
is connected to PGND and the Slave ISHSL
pin is connected to VIN. The ISHEN pins on
both Master and Slave are connected to VIN.
The SYNC, ISHA, ISHB, ISHC, ISHREFA,
ISHREFB, ISHREFC, ISHCOM and FB pins
are connected from the Master to the Slave
and the REF pins are tied with a 10Ω resistor.
Configured this way, the 2 phase current regu-
lator nearly doubles the load current capacity,
limited only by the Current Share Match tol-
erance. In this Master/Slave configuration the
MSK5061RH operate 180° out-of-phase to
minimize the input ripple current, effectively
operating as a single IC at twice the switch-
ing frequency. Also under idealized conditions
the output ripple voltage terms can completely
cancel producing a comparatively quite supply
rail over a broad band. The Master phase uses
the falling edge of the SYNC clock to initiate
the Master switching cycle with the non-over-
lap period before the rising edge of LX, while
the Slave phase internally inverts the SYNC
input and uses the falling edge of the invert-
ed copy to start it’s switching cycle. This is
independent of whether the Master phase is
configured for an external clock (Master M/S
= PGND) or its internal clock (Master M/S =
VIN). The Master Error Amplifier and Compen-
sation controls the two phase regulator while
the Slave Error Amplifier is disabled.
TOTAL DOSE RADIATION TEST
PERFORMANCE
Radiation performance curves for TID test-
ing will be generated for all radiation testing
performed by MS Kennedy. These curves
show performance trends throughout the
TID test process and can be located in the
MSK5061RH radiation test report. The com-
plete test report will be available in the RAD
HARD PRODUCTS section of the MSK web-
site.
APPLICATION NOTES CONT’D
TYPICAL APPLICATON CIRCUIT, CURRENT SHARING
7
TYPICAL APPLICATION CIRCUIT
PRELIMINARY Rev. B 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com