Electronic Components Datasheet Search
  English  ▼

X  

AD9229 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9229
Description  Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9229 Datasheet HTML 2Page - Analog Devices AD9229 Datasheet HTML 3Page - Analog Devices AD9229 Datasheet HTML 4Page - Analog Devices AD9229 Datasheet HTML 5Page - Analog Devices AD9229 Datasheet HTML 6Page - Analog Devices AD9229 Datasheet HTML 7Page - Analog Devices AD9229 Datasheet HTML 8Page - Analog Devices AD9229 Datasheet HTML 9Page - Analog Devices AD9229 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AD9229
Preliminary Technical Data
Rev. PrF | Page 6 of 15
Oct. 6, 2003
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
AVDD Voltage
3.9V
DRVDD Voltage
3.9V
Analog Input Voltage
Analog Input Current
Digital Input Voltage
Digital Output Current
Electrical
VREF Input Voltage
Operating Temperature Range (Ambient)
-40
°C to +85°C
Maximum Junction Temperature
150
°C
Lead Temperature (Soldering, 10 sec)
Maximum Case Temperature
Environmental
Storage Temperature Range (Ambient)
Table 5: Absolute Maximum Ratings
Stresses above those listed under the Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com