Electronic Components Datasheet Search
  English  ▼

X  

AD9229 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9229
Description  Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229 Datasheet(HTML) 3 Page - Analog Devices

  AD9229 Datasheet HTML 1Page - Analog Devices AD9229 Datasheet HTML 2Page - Analog Devices AD9229 Datasheet HTML 3Page - Analog Devices AD9229 Datasheet HTML 4Page - Analog Devices AD9229 Datasheet HTML 5Page - Analog Devices AD9229 Datasheet HTML 6Page - Analog Devices AD9229 Datasheet HTML 7Page - Analog Devices AD9229 Datasheet HTML 8Page - Analog Devices AD9229 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Preliminary Technical Data
AD9229
Rev. PrF | Page 3 of 15
Oct. 6, 2003
AD9229—SPECIFICATIONS1
AVDD = 3.0V, DRVDD = 3.0V; INTERNAL REFERENCE; DIFFERENTIAL ANALOG INPUTS,MAXIMUM SAMPLE RATE,TMIN TO
TMAX, UNLESS OTHERWISE NOTED
Parameter
Temp
Test
Level
AD9229BCP-50
Min
Typ
Max
AD9229BCP-65
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
No Missing Codes
Full
VI
Guaran
teed
Guaran
teed
Offset Error
25
°C
I
± 0.5
± 0.5
mV
Gain Error
25
°C
I
± 0.5
± 0.5
%FS
Offset Matching
25
°C
I
mV
Gain Matching2
25
°C
I
% FS
Differential Nonlinearity (DNL)
25
°C
I
± 0.3
± 0.3
LSB
Full
VI
LSB
Integral Nonlinearity (INL)
25
°C
I
± 0.6
± 0.6
LSB
ACCURACY
Full
VI
LSB
Offset Error
Full
V
ppm/
°C
Gain Error2
Full
V
ppm/
°C
TEMPERATURE
DRIFT
Reference
Full
V
ppm/
°C
Internal Reference Voltage
25
°C
I
0.5
0.5
V
Output Current
Full
V
uA
Input Current
Full
V
uA
REFERENCE
Input Resistance
Full
V
k
Ω
Differential Input Voltage Range
1 –2
1 –2
Vpp
Common Mode Voltage
Full
V
1.5
1.5
V
Input Capacitance
Full
V
7
7
pF
ANALOG INPUTS
Analog Bandwidth, Full Power
Full
V
500
500
MHz
AVDD
Full
IV
2.7
3.0
3.6
2.7
3.0
3.6
V
DRVDD
Full
IV
2.7
3.0
3.6
2.7
3.0
3.6
V
Power Dissipation3
Full
VI
940
1250
mW
Power Down Dissipation
Full
VI
<3
<3
mW
Power Supply Rejection Ratio (PSRR)
25
°C
I
mV/V
IAVDD3
Full
VI
268
367
mA
POWER SUPPLY
IDRVDD3
Full
VI
28
30
mA
IPLLVDD3
Full
VI
18
19
Table 1: DC Specifications
1 Specifications subject to change without notice
2 Gain error and gain temperature coefficients are based on the ADC only (with a fixed 0.5 V external reference and a 1 V p-p differential analog input).
3 Power dissipation measured with rated encode and a dc analog input (Outputs Static, I
VDD = 0.). IVCC and IVDD measured with TBD MHz analog input @ 0.5dBFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com