Electronic Components Datasheet Search
  English  ▼

X  

AD9229 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9229
Description  Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9229 Datasheet HTML 3Page - Analog Devices AD9229 Datasheet HTML 4Page - Analog Devices AD9229 Datasheet HTML 5Page - Analog Devices AD9229 Datasheet HTML 6Page - Analog Devices AD9229 Datasheet HTML 7Page - Analog Devices AD9229 Datasheet HTML 8Page - Analog Devices AD9229 Datasheet HTML 9Page - Analog Devices AD9229 Datasheet HTML 10Page - Analog Devices AD9229 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Preliminary Technical Data
AD9229
Rev. PrF | Page 7 of 15
Oct. 6, 2003
EQUIVALENT CIRCUITS
AVDD
ANALOG IN
Figure 2 Analog Inputs
CLK
AVDD
AVDD
Figure 3 Clock Input
DRVDD
V+
V+
V-
V-
DATAOUT+,
DCO+,FCO+
DATAOUT-,
DCO-,FCO-
3.5MA
3.5MA
Figure 4 LVDS Outputs
PDWN
AVDD
AVDD
Figure 5 PDWN Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com