Electronic Components Datasheet Search
  English  ▼

X  

TTP239 Datasheet(PDF) 9 Page - Tontek Design Technology

Part # TTP239
Description  8 keys Touch Pad Detector IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP239 Datasheet(HTML) 9 Page - Tontek Design Technology

Back Button TTP239 Datasheet HTML 5Page - Tontek Design Technology TTP239 Datasheet HTML 6Page - Tontek Design Technology TTP239 Datasheet HTML 7Page - Tontek Design Technology TTP239 Datasheet HTML 8Page - Tontek Design Technology TTP239 Datasheet HTML 9Page - Tontek Design Technology TTP239 Datasheet HTML 10Page - Tontek Design Technology TTP239 Datasheet HTML 11Page - Tontek Design Technology TTP239 Datasheet HTML 12Page - Tontek Design Technology TTP239 Datasheet HTML 13Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TTP239
2016/3/7
Page 9 of 16
Version:1.1
2-wires serial interface mode timing please see below.
The D0~D7 correspond to data of the TP0~7.
7-1-1 When SAHL=0:Set active-high
T_resp
Tout
DV
DV
Ts
Ts
Ts
D0
D1
C_1
C_0
D0
D1
C_1
C_0
SDO
SCL
F_SCL
D7
D6
D5
D4
D3
D2
C_7
C_6
C_5
C_4
C_3
C_2
Figure 7-1-1:The timing for active-high
7-1-2 When SAHL=1:Set active-low
T_resp
Tout
DV
DV
Ts
Ts
Ts
D0
D1
C_1
C_0
D0
D1
C_1
C_0
F_SCL
D7
D6
D5
D4
D3
D2
C_7
C_6
C_5
C_4
C_3
C_2
SDO
SCL
Figure 7-1-2:The timing for active-low
The parameters for figure 7-1-1~2:
Parameter
Min.
Typ.
Max.
Unit
DV(Time out)
-
2
-
ms
Ts
200
-
-
ns
Tout
-
2
-
ms
T_resp
-
16
-
ms
F_SCL
1K
-
512K
Hz
Note:
(1) When any data of the TP0~TP7 change, the SDO pin output DV signal, the time out of DV
signal is about 2msec. But other device can not wait that the DV signal time is over, after it
detect the DV signal, and then can give the clock signal to the TTP239 by the SCL pin at the
duration of DV signal. When the TTP239 detect the first clock edge changing, and the DV
signal is over, and the SDO pin change to output the data of TP0~TP7.
(2) The parameter Ts is data set-up time, it means that the data change time for SDO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com