Electronic Components Datasheet Search
  English  ▼

X  

TTP239 Datasheet(PDF) 1 Page - Tontek Design Technology

Part # TTP239
Description  8 keys Touch Pad Detector IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP239 Datasheet(HTML) 1 Page - Tontek Design Technology

  TTP239 Datasheet HTML 1Page - Tontek Design Technology TTP239 Datasheet HTML 2Page - Tontek Design Technology TTP239 Datasheet HTML 3Page - Tontek Design Technology TTP239 Datasheet HTML 4Page - Tontek Design Technology TTP239 Datasheet HTML 5Page - Tontek Design Technology TTP239 Datasheet HTML 6Page - Tontek Design Technology TTP239 Datasheet HTML 7Page - Tontek Design Technology TTP239 Datasheet HTML 8Page - Tontek Design Technology TTP239 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TTP239
2016/3/7
Page 1 of 16
Version:1.1
8 keys Touch Pad Detector IC
Outline
The TTP239 TonTouchTM IC is capacitive sensing design specifically for touch pad controls.
The device built in regulator for touch sensor. Stable sensing method can cover diversity
conditions. Human interfaces control panel links through non-conductive dielectric material.
The main application is focused at replacing of the mechanical switch or button. The ASSP
can independently handle the 8 touch pads with 8 direct output pins.
Characteristic
Operating voltage 2.4V ~ 5.5V
Built-in regulator with external enable/disable option (REGEN pin)
Built-in low voltage reset(LVR) function with external enable/disable option (LVREN pin)
Operating current, @VDD=3V no load, LDO enable
At low power mode typical 5.0uA, At fast mode typical 30uA
@VDD=3V operating voltage :
The response time about 160mS at low power mode, 60mS at fast mode
Sensitivity can adjust by the capacitance(1~50pF)outside for each touch pad
Provides Fast mode and Low Power mode selection by pad option (LPM pin)
Provides 8 direct outputs for 8 direct input keys. And all can select active high or active low by
pad option (SAHL pin)
Provides two kinds of serial output interface
Include 2-wires and I2C-bus slave serial interface that can be selected by pad option
(SLSERT pin)
Have the maximum on time 120sec/64sec/16sec/infinite by pad option (MOT1, MOT0 pin)
Provides Single-key and Multi-key functions by pad option (SM pin)
2-wires serial interface can select active high or low by pad option (SAHL pin)
After power-on have about 0.5sec stable-time, during the time do not touch the key pad, and
the function is disabled
Auto calibration for life
The re-calibration period is about 1 sec within 8 sec after power-on. When key has been
touched within 8 sec or key has not been touched more than 8 sec after power-on, then the
re-calibration period change to 4 sec
Applications
Wide consumer products
Button key replacement


Similar Part No. - TTP239

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP232 TONTEK-TTP232 Datasheet
210Kb / 8P
2 keys Touch Pad Detector IC
TTP232-CA6 TONTEK-TTP232-CA6 Datasheet
348Kb / 8P
2 keys Touch Pad Detector IC
TTP233C TONTEK-TTP233C Datasheet
272Kb / 11P
1 key Touch Pad Detector IC
TTP233C-BA6 TONTEK-TTP233C-BA6 Datasheet
364Kb / 8P
1 key Touch Pad Detector IC
TTP233C-HA6 TONTEK-TTP233C-HA6 Datasheet
366Kb / 8P
1 key Touch Pad Detector IC
More results

Similar Description - TTP239

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP225 TONTEK-TTP225 Datasheet
318Kb / 15P
8 KEYS TOUCH PAD DETECTOR IC
TTP225-806Q TONTEK-TTP225-806Q Datasheet
280Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP226 TONTEK-TTP226 Datasheet
344Kb / 15P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-CSE TONTEK-TTP229-CSE Datasheet
315Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-DQE TONTEK-TTP229-DQE Datasheet
319Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-FSD TONTEK-TTP229-FSD Datasheet
314Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-GQD TONTEK-TTP229-GQD Datasheet
317Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-HSB TONTEK-TTP229-HSB Datasheet
305Kb / 12P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-JQB TONTEK-TTP229-JQB Datasheet
309Kb / 12P
8 KEYS TOUCH PAD DETECTOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com