Electronic Components Datasheet Search
  English  ▼

X  

AS7C34098 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C34098
Description  5V/3.3V 256K x 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34098 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C34098 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
®
AS7C4098
AS7C34098
1/13/05; v.1.9
Alliance Semiconductor
P. 4 of 10
Key to switching waveforms
Read waveform 1 (address controlled)6,7,9
Read cycle (over the operating range)3,9
Parameter
Symbol
–10
–12
–15
–20
Unit Notes
Min
Max
Min Max Min Max Min Max
Read cycle time
tRC
10
12
15
20
ns
Address access time
tAA
10
12
15
20
ns
Chip enable (CE) access time
tACE
10
12
15
20
ns
Output enable (OE) access time
tOE
5
–6–7–8
ns
Output hold from address change
tOH
3
3–3–3–
ns
5
CE Low to output in low Z
tCLZ
0
3–0–0–
ns
4, 5
CE High to output in higfch Z
tCHZ
5
–6–7–9
ns
4, 5
OE Low to output in low Z
tOLZ
0
0–0–0–
ns
4, 5
OE High to output in high Z
tOHZ
5
–6–7–9
ns
4, 5
LB, UB access time
tBA
5
–6–7–8
ns
LB, UB Low to output in low Z
tBLZ
0
0–0–0–
ns
LB, UB High to output in high Z
tBHZ
5
–6–7–9
ns
Power up time
tPU
0
0–0–0–
ns
5
Power down time
tPD
10
12
15
20
ns
5
Undefined/don’t care
Falling input
Rising input
tOH
tAA
tRC
tOH
DataOUT
Address
Data valid
Previous data valid



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com