Electronic Components Datasheet Search
  English  ▼

X  

AS7C34098 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C34098
Description  5V/3.3V 256K x 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34098 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C34098 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
January 2005
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C4098
AS7C34098
5V/3.3V 256K × 16 CMOS SRAM
1/13/05; v.1.9
Alliance Semiconductor
P. 1 of 10
Features
• AS7C4098 (5V version)
• AS7C34098 (3.3V version)
• Industrial and commercial temperature
• Organization: 262,144 words × 16 bits
• Center power and ground pins
• High speed
- 10/12/15/20 ns address access time
- 5/6/7/8 ns output enable access time
• Low power consumption: ACTIVE
- 1375 mW (AS7C4098)/max @ 12 ns
- 576 mW (AS7C34098)/max @ 10 ns
• Low power consumption: STANDBY
- 110 mW (AS7C4098)/max CMOS
- 72 mW (AS7C34098)/max CMOS
• Individual byte read/write controls
• Easy memory expansion with CE, OE inputs
• TTL- and CMOS-compatible, three-state I/O
• 44-pin JEDEC standard packages
- 400-mil SOJ
- TSOP 2
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 100 mA
Logic block diagram
1024 × 256 × 16
Array
(4,194,304)
OE
CE
WE
Column decoder
A0
A1
A2
A3
A4
A6
A7
A8
VCC
GND
A12
A13
Control circuit
I/O1–I/O8
I/O9–I/O16
UB
LB
I/O
buffer
Pin arrangement for SOJ and TSOP 2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
I/O14
I/O13
GND
VCC
I/O12
I/O11
I/O10
I/O9
NC
A14
A13
A12
A11
A10
A4
CE
I/O1
I/O2
I/O3
I/O4
VCC
GND
I/O5
I/O6
I/O7
I/O8
WE
A5
A6
A7
TSOP2
21
22
A8
A9
UB
LB
I/O16
I/O15
2
A1
3
A2
4
A3
1
A0
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
A16
A15
OE
A17
44-pin (400 mil) SOJ
Selection guide
–10
–12
–15
–20
Unit
Maximum address access time
10
12
15
20
ns
Maximum output enable access time
5
6
7
8
ns
Maximum operating current
AS7C4098
–
250
220
180
mA
AS7C34098
160
130
110
100
mA
Maximum CMOS standby current
AS7C4098
–
20
20
20
mA
AS7C34098
20
20
20
20
mA


Similar Part No. - AS7C34098

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JC ALSC-AS7C34098A-10JC Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JCN ALSC-AS7C34098A-10JCN Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JI ALSC-AS7C34098A-10JI Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JIN ALSC-AS7C34098A-10JIN Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
More results

Similar Description - AS7C34098

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
5V/3.3V 32K x 6 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
5V 32K x 16 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
3.3V 32K x 16 CMOS SRAM
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
3.3V 256K x 8 CMOS SRAM
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
3.3V 256K X 16 CMOS DRAM (EDO)
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
5V/3.3V 64K X 16 CMOS SRAM
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
5V 256K X 4 CMOS SRAM (Common I/O)
logo
Lyontek Inc.
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com