Electronic Components Datasheet Search
  English  ▼

X  

AS7C34098 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS7C34098
Description  5V/3.3V 256K x 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34098 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS7C34098 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C34098 Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AS7C4098
AS7C34098
© Copyright Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trade-
marks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document.
The data contained herein represents Alliance’s best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under
development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate
as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or
implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as
express agreed to in Alliance’s Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance’s Terms and Conditions of Sale. The purchase of
products from Alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products
for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting sys-
tems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
1/13/05; v.1.9
Alliance Semiconductor
P. 10 of 10
®
Note:
Add suffix “N” to the above part number for lead free devices, Ex. AS7C4098-12JCN
Ordering Codes
Package
Version
10 ns
12 ns
15 ns
20 ns
SOJ
5V commercial
NA
AS7C4098-12JC
AS7C4098-15JC
AS7C4098-20JC
5V industrial
NA
AS7C4098-12JI
AS7C4098-15JI
AS7C4098-20JI
3.3V commercial
AS7C34098-10JC
AS7C34098-12JC
AS7C34098-15JC
AS7C34098-20JC
3.3V industrial
NA
AS7C34098-12JI
AS7C34098-15JI
AS7C34098-20JI
TSOP 2
5V commercial
NA
AS7C4098-12TC
AS7C4098-15TC
AS7C4098-20TC
5V industrial
NA
AS7C4098-12TI
AS7C4098-15TI
AS7C4098-20TI
3.3V commercial AS7C34098-10TC
AS7C34098-12TC
AS7C34098-15TC
AS7C34098-20TC
3.3V industrial
NA
AS7C34098-12TI
AS7C34098-15TI
AS7C34098-20TI
Part numbering system
AS7C
X
4098
–XX
J or T
X
N
SRAM prefix
Voltage:
Blank: 5V CMOS
3: 3.3V CMOS
Device
number
Access
time
Packages:
J: SOJ 400 mil
T: TSOP 2
Temperature ranges:
C: Commercial, 0°C to 70°C
I: Industrial, –40°C to 85°C
Lead free device



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com