Electronic Components Datasheet Search
  English  ▼

X  

6530 Datasheet(PDF) 1 Page - Mallory performance club

Part # 6530
Description  The Gray Tach Output Terminal produces
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6530 Datasheet(HTML) 1 Page - Mallory performance club

  6530 Datasheet HTML 1Page - Mallory performance club 6530 Datasheet HTML 2Page - Mallory performance club 6530 Datasheet HTML 3Page - Mallory performance club 6530 Datasheet HTML 4Page - Mallory performance club 6530 Datasheet HTML 5Page - Mallory performance club 6530 Datasheet HTML 6Page - Mallory performance club 6530 Datasheet HTML 7Page - Mallory performance club 6530 Datasheet HTML 8Page - Mallory performance club 6530 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Note: Solid core spark plug wires cannot be used with an MSD Ignition Control.
Note: If you're programming the timing functions of the ignition, the distributor must be locked out.
Parts Included:
1 - Ignition Control, PN 6530
1 - MSD Pro-Data+ Software
4 - Vibration Mounts and Screws
Accessories:
MAP Sensor, see page 6
Hand Held Programmer, PN 7550
Manual Launch RPM Control, PN 7551
WARNING: During installation, disconnect the battery cables. When disconnecting, always
remove the Negative cable first and install it last.
3 - Deutsch Connector Harnesses
1 - Mag Pickup Harness, PN 8860
1 - Parts Bag
GENERAL INFORMATION
BATTERY
The MSD Programmable 6AL-2 Ignition Control will operate on any negative ground, 12 volt electrical
system with a distributor. The MSD can be used with 16 volt batteries and can withstand a momentary
24 volts in case of jump starts. The Ignitions will deliver full voltage with a supply of 9-18 volts and
will operate with a supply voltage as low as five volts.
If your application does not use an alternator, allow at least 15 amp/hour for every half hour of operation.
If the engine is cranked with the same battery or other accessories such as an electric fuel or water
pump are used, the amp/hour rating should be higher.
COILS
The MSD Programmable 6AL-2 Ignition can be used with most stock coils and aftermarket coils
designed to replace the stock coils. There are some "race only" coils such as the MSD Pro Power
Coil, PN 8201, that
cannot be used with a 6-Series MSD Ignition Control. For more information on
recommended coils, consult the supplied Coil Application Chart or check with the manufacturer of
your coil. If you have any questions concerning coils, contact our Customer Service Department at
(915) 855-7123.
TACHOMETERS
The Gray Tach Output Terminal produces a 12 volt square wave signal with a 20% duty cycle.
Some vehicles with factory tachometers may require a Tach Adapter to operate with the MSD. For more
information on Tachometers and MSD Tach Adapters, see the Tachometer Section on page 15.
If your GM vehicle has an inline filter it may cause the tach to drop to zero on acceleration. If this
occurs, bypass the filter.
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Programmable 6AL-2 Ignition Control
PN 6530
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 6530

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
653000 ARIES-653000 Datasheet
667Kb / 1P
Converts PLCC packaged ICs to DIP footprints
logo
Littelfuse
6530000000 LITTELFUSE-6530000000 Datasheet
514Kb / 1P
652 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 12/19/13
logo
Wurth Elektronik GmbH &...
65300113722 WURTH-65300113722 Datasheet
825Kb / 2P
1.25 MM FEMALE CRIMP TERMINAL
F 07-AUG-13
653006114822 WURTH-653006114822 Datasheet
590Kb / 7P
WR-WTB Male Vertical Shrouded Header
2022-09-22
logo
Pomona Electronics
6530A POMONA-6530A Datasheet
64Kb / 1P
Deluxe Automotive DMM Test Lead Kit
More results

Similar Description - 6530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
logo
Mallory performance clu...
29074 MALLORY-29074 Datasheet
126Kb / 2P
ACTIVE FUEL INJECTION/TACH ADAPTER
logo
ON Semiconductor
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
logo
Mallory performance clu...
6421 MALLORY-6421 Datasheet
2Mb / 28P
The MSD produces full power multiple sparks for each firing of a plug
logo
ON Semiconductor
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
logo
Mallory Sonalert Produc...
SCVC MSPI-SCVC Datasheet
107Kb / 1P
Produces approximately ??0dB to ??5db attenuation
logo
Highly Electric Co., Lt...
KS01-AVR-1-101 HIGHLY-KS01-AVR-1-101 Datasheet
2Mb / 4P
TACH SWITCHES
PB615 HIGHLY-PB615 Datasheet
1Mb / 3P
TACH SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com