| Electronic Components Datasheet Search |
|
6530 Datasheet(PDF) 11 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
6530 Datasheet(HTML) 11 Page - Mallory performance club |
|
11 / 20 page ![]() INSTALLATION INSTRUCTIONS 11 MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 57 - 5 20 0 • F AX ( 91 5 ) 8 57 - 33 4 4 DROP RPM This option is for Manual shift applications using the clutch between shifts. This RPM value will set up a window so the Launch limiter will not reactivate when using the clutch between shifts. This RPM will be set lower than Launch RPM. CONNECTING THE REV LIMITS When you connect the Burnout and Launch, it is important to pay close attention to the wiring. The Light Blue wire is responsible for the Burnout Rev Limit. The Dark Blue is responsible for turning on the Launch Rev Limit. The Launch Rev Limit will override the Burn Rev Limit if both are activated. LAUNCH RPM The launch RPM is activated by applying 12 volts to the Launch Wire (Dark Blue Wire), this is normally wired to a trans-brake button, brake line lock switch, or clutch switch on a manual shift transmission. When 12 volts is removed from the Launch Wire the launch rpm will release and the Max RPM Value will be in control of the engine RPM. LAUNCH RETARD The launch retard can be activated multiple ways depending on the application. In order to customize this feature to your application there are 3 adjustments that need to be made (Figure 11). 1st Delay: This is a time delay that starts counting once 12 volts is removed from the Launch Wire (Dark Blue Wire). If this delay is set at 0 seconds, then the launch retard will become active as soon as 12 volts is applied to the Launch Wire. If you have anything other than 0 seconds (example: .10 or more), then the launch retard will not become active until 12 volts is removed from the Launch Wire and the Delay time is achieved. 2nd Retard: This is the amount of timing that will be retarded once 12 volts is removed from the Launch Wire. The retard amount will become active when 12 volts is applied to the Launch wire if the Delay is set to 0 seconds. 3rd Ramp: This adjustment determines the rate (over time) that timing will be ramped back into the motor until the run curve timing is met. When the Launch Wire is removed from 12 volts and the Launch Delay value is timed out then timing will begin ramping back into the motor. The Ramp determines how fast this is done. Always remember all timing retards (Launch, Step, Boost and the Run Curve retards) are all added together in the total retard amount. When using multiple retards be sure to check the timing in order to insure that they don't overlap. Figure 11 Launch Retard Delay Example. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |