Electronic Components Datasheet Search
  English  ▼

X  

6530 Datasheet(PDF) 15 Page - Mallory performance club

Part # 6530
Description  The Gray Tach Output Terminal produces
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6530 Datasheet(HTML) 15 Page - Mallory performance club

Back Button 6530 Datasheet HTML 11Page - Mallory performance club 6530 Datasheet HTML 12Page - Mallory performance club 6530 Datasheet HTML 13Page - Mallory performance club 6530 Datasheet HTML 14Page - Mallory performance club 6530 Datasheet HTML 15Page - Mallory performance club 6530 Datasheet HTML 16Page - Mallory performance club 6530 Datasheet HTML 17Page - Mallory performance club 6530 Datasheet HTML 18Page - Mallory performance club 6530 Datasheet HTML 19Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
INSTALLATION INSTRUCTIONS
15
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
TROUBLESHOOTING
Every MSD Ignition undergoes numerous quality control checks including a four hour burn-in test. If
you experience a problem with your MSD, our research has shown that the majority of problems are
due to improper installation or poor connections.
The Troubleshooting section has several checks and tests you can perform to ensure proper installation
and operation of the MSD. If you have any questions concerning your MSD, call our Customer Support
Department at (915) 855-7123, 7 - 6 mountain time.
TACH/FUEL ADAPTERS
If your tachometer does not operate correctly or if you experience a no-run situation with your foreign
vehicle you probably need an MSD Tach Adapter. The chart below lists common tachometers and if
an Adapter is necessary.
NO-RUN ON FOREIGN VEHICLES
Some foreign vehicles with fuel injection systems may require an MSD Tach/Fuel Injection Adapter
to run with an MSD 6-Series Ignition. This is because many of these systems use the same trigger
source to operate the MSD, the tachometer and the fuel injection. This results in a voltage signal
that is too low to accurately trigger the fuel injection. To fix this, an MSD Tach Adapter, PN 8910, will
remedy the problem on the majority of vehicles. If the PN 8910 does not fix the problem, the PN
8910-EIS will be required.
Note: Toyotas and Ford Probes will require the PN 8910-EIS Adapter.
INOPERATIVE TACHOMETERS
If your tachometer fails to operate with the MSD installed you may need an MSD Tach Adapter. Before
getting an Adapter, try connecting your tachometer trigger wire to the tach output terminal on the
side of the MSD. This output produces a 12 volt, square wave (see page 1). If the tach still does not
operate, you will need a Tach Adapter. There are two Tach Adapters:
PN 8920: If you are using the Magnetic Pickup connector (Green and Violet wires) to trigger the MSD,
you will need the PN 8920.
PN 8910: If your tachometer was triggered from the coil negative terminal (voltage trigger) and you
are using the White wire to trigger the MSD you will need the PN 8910.
Tachometer Compatibility List
AFTERMARKET TACHOMETER
WHITE WIRE TRIGGER
MAGNETIC TRIGGER CONNECTOR
AUTOGAGE
8910
8920
AUTOMETER
NONE
NONE
FORD MOTORSPORTS
NONE
NONE
MALLORY
NONE
NONE
MOROSO
NONE
NONE
STEWART (voltage triggered)
8910
8920
S.W. & BI TORX
NONE
NONE
SUN
8910
8920
VDO
8910
8920
AMC (JEEP)
8910
8920
CHRYSLER
8910
8920
FORD (voltage triggered)
8910
8920
GENERAL MOTORS
Bypass In-Line Filter
Bypass In-line filter
IMPORTS
8910
8920
Note: On the list above, the triger wire on tachometers that are marked NONE may be connected to the Tach
Output Terminal on the MSD 6-Series Ignition Unit using the supplied Female Faston Receptacle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com