Electronic Components Datasheet Search
  English  ▼

X  

COP888EB Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 42Page - National Semiconductor (TI) COP888EB Datasheet HTML 43Page - National Semiconductor (TI) COP888EB Datasheet HTML 44Page - National Semiconductor (TI) COP888EB Datasheet HTML 45Page - National Semiconductor (TI) COP888EB Datasheet HTML 46Page - National Semiconductor (TI) COP888EB Datasheet HTML 47Page - National Semiconductor (TI) COP888EB Datasheet HTML 48Page - National Semiconductor (TI) COP888EB Datasheet HTML 49Page - National Semiconductor (TI) COP888EB Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
MICROWIRE/PLUS (Continued)
MICROWIRE/PLUS Master Mode Operation
In the MICROWIRE/PLUS Master mode of operation the
shift clock (SK) is generated internally. The MICROWIRE
Master always initiates all data exchanges. The MSEL bit in
the CNTRL register must be set to enable the SO and SK
functions onto the G Port. The SO and SK pins must also be
selected as outputs by setting appropriate bits in the Port G
configuraiton register.
Table 12 summarizes the bit settings
required for Master or Slave mode of operation.
TABLE 11. MICROWIRE/PLUS Master Mode
Clock Selection
SL1
SL0
SK
0
0
2Xt
c
0
1
4Xt
c
1
x
8Xt
c
Where t
c is the instruction cycle clock
MICROWIRE/PLUS Slave Mode Operation
In the MICROWIRE/PLUS Slave mode of operation the SK
clock is generated by an external source. Setting the MSEL
bit in the CNTRL register enables the SO and SK functions
onto the G Port. The SK pin must be selected as an input
and the SO pin is selected as an output pin by setting and re-
setting the appropriate bit in the Port G configuration regis-
ter.
Table 3 summarizes the settings required to enter the
Slave mode of operation.
The user must set the BUSY flag immediately upon entering
the Salve mode. This will ensure that all data bits sent by the
Master will be shifted properly. After eight clock pulses the
BUSY flag will be cleared and the sequence may be re-
peated.
Alternate SK Phase Operation
The device allows either the normal SK clock or an alternate
phase SK clock to shift data in and out of the SIO register. In
both the modes the SK is normally low. In the normal mode
data is shifted in on the rising edge of the SK clock and the
data is shifted out on the falling edge of the SK clock. The
SIO register is shifted on each falling edge of the SK clock in
the normal mode. In the alternate SK phase mode the SIO
register is shifted on the rising edge of the SK clock.
A control flag, SKSEL, allows either the normal SK clock or
the alternate SK clock to be selected. Resetting SKSEL
causes the MICROWIRE/PLUS logic to be clocked from the
normal SK signal. Setting the SKSEL flag selects the alter-
nate SK clock. The SKSEL is mapped into the G6 configura-
tion bit. The SKSEL flag will power up in the reset condition,
selecting the normal SK signal.
TABLE 12. MICROWIRE/PLUS Mode Selection
This table assumes that the control flag MSEL is set.
G4
G5
G4
Fun.
G5
Fun.
Operation
(SO)
(SK)
Config.
Config.
Bit
Bit
1
1
SO
Int. SK
MICROWIRE/
PLUS Master
0
1
TRI-STATE
Int. SK
MICROWIRE/
PLUS Master
1
0
SO
Ext. SK
MICROWIRE/
PLUS Slave
0
0
TRI-STATE
Ext. SK
MICROWIRE/
PLUS Slave
DS012837-37
FIGURE 35. MICROWIRE/PLUS Application
www.national.com
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com