Electronic Components Datasheet Search
  English  ▼

X  

COP888EB Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 50Page - National Semiconductor (TI) COP888EB Datasheet HTML 51Page - National Semiconductor (TI) COP888EB Datasheet HTML 52Page - National Semiconductor (TI) COP888EB Datasheet HTML 53Page - National Semiconductor (TI) COP888EB Datasheet HTML 54Page - National Semiconductor (TI) COP888EB Datasheet HTML 55Page - National Semiconductor (TI) COP888EB Datasheet HTML 56Page - National Semiconductor (TI) COP888EB Datasheet HTML 57Page - National Semiconductor (TI) COP888EB Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 75 page
background image
A/D Converter (Continued)
OPERATING MODES
The A/D converter supports ratiometric measurements. It
supports both Single Ended and Differential modes of opera-
tion.
Four specific analog channel selection modes are sup-
ported. These are as follows:
Allow any specific channel to be selected at one time. The
A/D converter performs the specific conversion requested
and stops.
Allow any specific channel to be scanned continuously. In
other words, the user specifies the channel and the A/D con-
verter scans it continuously. At any arbitrary time the user
can immediately read the result of the last conversion. The
user must wait for only the first conversion to complete.
Allow any differential channel pair to be selected at one time.
The A/D converter performs the specific differential conver-
sion requested and stops.
Allow any differential channel pair to be scanned continu-
ously. In other words, the user specifies the differential chan-
nel pair and the A/D converter scans it continuously. At any
arbitrary time the user can immediately read the result of the
last differential conversion. The user must wait for only the
first conversion to complete.
The A/D converter is supported by two memory mapped reg-
isters, the result register and the mode control register.
When the device is reset, the mode control register (ENAD)
is cleared, the A/D is powered down and the A/D result reg-
ister has unknown data.
A/D Control Register
The ENAD control register contains 3 bits for channel selec-
tion, 2 bits for prescaler selection, 2 bits for mode selection
and a Busy bit. An A/D conversion is initiated by setting the
ADBSY bit in the ENAD control register. The result of the
conversion is available to the user in the A/D result register,
ADRSLT, when ADBSY is cleared by the hardware on
completion of the conversion.
ENAD (Address 0xCB)
CHANNEL
MODE
PRESCALER
BUSY
SELECT
SELECT
SELECT
ADCH2
ADCH1
ADCH0
ADMOD1
ADMOD0
PSC1
PSC0
ADBSY
Bit 7
Bit 0
CHANNEL SELECT
This 3-bit field selects one of eight channels to be the V
IN+.
The mode selection determines the V
IN− input.
Single Ended mode:
Bit 7
Bit 6
Bit 5
Channel No.
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Differential mode:
Bit 7
Bit 6
Bit 5
Channel Pairs (+, −)
000
0, 1
001
1, 0
010
2, 3
011
3, 2
100
4, 5
101
5, 4
110
6, 7
111
7, 6
MODE SELECT
This 2-bit field is used to select the mode of operation (single
conversion, continuous conversions, differential, single
ended) as shown in the following table.
Bit 4
Bit 3
Mode
0
0
Single Ended mode, single
conversion
0
1
Single Ended mode, continuous scan
of a single channel into the result
register
1
0
Differential mode, single conversion
1
1
Differential mode, continuous scan of
a channel pair into the result register
PRESCALER SELECT
This 2-bit field is used to select one of the four prescaler
clocks for the A/D converter. The following table shows the
various prescaler options.
A/D Converter Clock Prescale
Bit 2
Bit 1
Clock Select
0
0
Divide by 2
0
1
Divide by 4
1
0
Divide by 6
1
1
Divide by 12
BUSY BIT
The ADBSY bit of the ENAD register is used to control start-
ing and stopping of the A/D conversion. When ADBSY is
cleared, the prescale logic is disabled and the A/D clock is
turned off. Setting the ADBSY bit starts the A/D clock and ini-
tiates a conversion based on the mode select value currently
in the ENAD register. Normal completion of an A/D conver-
sion clears the ADBSY bit and turns off the A/D converter.
The ADBSY bit remains a one during continuous conversion.
The user can stop continuous conversion by writing a zero to
the ADBSY bit.
If the user wishes to restart a conversion which is already in
progress, this can be accomplished only by writing a zero to
the ADBSY bit to stop the current conversion and then by
writing a one to ADBSY to start a new conversion. This can
be done in two consecutive instructions.
ADC Operation
The A/D converter interface works as follows. Setting the
ADBSY bit in the A/D control register ENAD initiates an A/D
conversion. The conversion sequence starts at the begin-
ning of the write to ENAD operation which sets ADBSY, thus
powering up the A/D. At the first falling edge of the converter
clock following the write operation, the sample signal turns
www.national.com
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com