Electronic Components Datasheet Search
  English  ▼

X  

LM181E06 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LM181E06
Description  SPECIFICATION FOR APPROVAL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM181E06 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LM181E06 Datasheet HTML 4Page - NXP Semiconductors LM181E06 Datasheet HTML 5Page - NXP Semiconductors LM181E06 Datasheet HTML 6Page - NXP Semiconductors LM181E06 Datasheet HTML 7Page - NXP Semiconductors LM181E06 Datasheet HTML 8Page - NXP Semiconductors LM181E06 Datasheet HTML 9Page - NXP Semiconductors LM181E06 Datasheet HTML 10Page - NXP Semiconductors LM181E06 Datasheet HTML 11Page - NXP Semiconductors LM181E06 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Product Specification
8 / 26
LM181E06
Liquid Crystal Display
Ver 0.0
APR.07, 2002
3-2. Interface Connections
Interface chip must be used LVDS, part No. DS90CF383MTD(Transmitter) made by Nation Semiconductor.
Or used the compatible interface chips(TI:SN75LVDS83, Thine).
This LCD employs seven interface connections, a 30-pin connector is used for the module electronics interface.
Six 2-pin connectors are used for the integral back-light system.
The electronics interface connector is a model 55177-3091 manufactured by MOLEX. The pin configuration for
the connector is shown in the table 3.
Table 3. MODULE CONNECTOR PIN CONFIGURATION(LVDS)
Second data
First data
Pin
Description
Symbol
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
Supply voltage for LCD module
Supply voltage for LCD module
Supply voltage for LCD module
Supply voltage for LCD module
Ground
Ground
Minus signal of even channel 0 (LVDS)
Plus signal of even channel 0 (LVDS)
Minus signal of even channel 1 (LVDS)
Plus signal of even channel 1 (LVDS)
Minus signal of even channel 2 (LVDS)
Plus signal of even channel 2 (LVDS)
Minus signal of even clock channel (LVDS)
Plus signal of even clock channel (LVDS)
Minus signal of even channel 3 (LVDS)
Plus signal of even channel 3 (LVDS)
Ground
Ground
Minus signal of odd channel 0 (LVDS)
Plus signal of odd channel 0 (LVDS)
Minus signal of odd channel 1 (LVDS)
Plus signal of odd channel 1 (LVDS)
Minus signal of odd channel 2 (LVDS)
Plus signal of odd channel 2 (LVDS)
Minus signal of odd clock channel (LVDS)
Plus signal of odd clock channel (LVDS)
Minus signal of odd channel 3 (LVDS)
Plus signal of odd channel 3 (LVDS)
Ground
Ground
Vcc
Vcc
Vcc
Vcc
GND
GND
SR0M
SR0P
SR1M
SR1P
SR2M
SR2P
SCLKINM
SCLKINP
SR3M
SR3P
GND
GND
FR0M
FR0P
FR1M
FR1P
FR2M
FR2P
FCLKINM
FCLKINP
FR3M
FR3P
GND
GND
1
30
1
30
Connector pin arrangement
P/N, Maker :
55177-3091, Molex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com