Electronic Components Datasheet Search
  English  ▼

X  

LM181E06 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LM181E06
Description  SPECIFICATION FOR APPROVAL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM181E06 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LM181E06 Datasheet HTML 9Page - NXP Semiconductors LM181E06 Datasheet HTML 10Page - NXP Semiconductors LM181E06 Datasheet HTML 11Page - NXP Semiconductors LM181E06 Datasheet HTML 12Page - NXP Semiconductors LM181E06 Datasheet HTML 13Page - NXP Semiconductors LM181E06 Datasheet HTML 14Page - NXP Semiconductors LM181E06 Datasheet HTML 15Page - NXP Semiconductors LM181E06 Datasheet HTML 16Page - NXP Semiconductors LM181E06 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Product Specification
13 / 26
LM181E06
Liquid Crystal Display
Ver 0.0
APR.07, 2002
3-6. Power Sequence
Notes : 1. Please avoid floating state of interface signal at invalid period.
2. When the interface signal is invalid, be sure to pull down the power supply for LCD V
CC to 0V.
Invalid signal with Vcc for a long period of time, causes permanent damage to LCD panel.
3. Lamp power must be turn on after power supply for LCD and interface signals are valid.
10%
90%
90%
10%
T1
T2
T5
T6
T7
T3
T4
Valid data
Lamp on
0V
OFF
OFF
Power supply for LCD
Vcc
Interface signal
Power for LAMP
Parameter
Units
Min.
Values
Typ.
Max.
T 1
T 2
T 3
T 4
T 5
T 6
T 7
ms
ms
ms
ms
ms
ms
s
-
0.01
200
200
0.01
-
1
-
-
-
-
-
-
-
10
50
-
-
50
10
-
10%
10%
0V
Table 8. POWER SEQUENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com