Electronic Components Datasheet Search
  English  ▼

X  

MUB08A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MUB08A
Description  1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MUB08A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MUB08A Datasheet HTML 1Page - National Semiconductor (TI) MUB08A Datasheet HTML 2Page - National Semiconductor (TI) MUB08A Datasheet HTML 3Page - National Semiconductor (TI) MUB08A Datasheet HTML 4Page - National Semiconductor (TI) MUB08A Datasheet HTML 5Page - National Semiconductor (TI) MUB08A Datasheet HTML 6Page - National Semiconductor (TI) MUB08A Datasheet HTML 7Page - National Semiconductor (TI) MUB08A Datasheet HTML 8Page - National Semiconductor (TI) MUB08A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (Note 10)
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Notes 3, 11)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JC (MSOP)
56˚C/W
θ
JA (MSOP)
190˚C/W
θ
JC (LLP)
12˚C/W
θ
JA (LLP)
63˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.6V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD =5V
(Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4906
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A, No Load
3.5
7
mA (max)
V
IN = 0V, Io = 0A, 8
Ω Load
4
8
mA (max)
I
SD
Shutdown Current
V
SD = GND
0.1
2
µA (max)
V
OS
Output Offset Voltage
7
35
mV (max)
P
o
Output Power
THD+N = 1% (max);f=1kHz
R
L =8
Ω
1.0
0.9
W (min)
T
WU
Wake-up time
5
ms
THD+N
Total Harmonic Distortion+Noise
P
o = 0.4 Wrms; f = 1kHz
0.2
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
Input terminated with 10
Ω
Gain at 6dB
67 (f =
217Hz)
70 (f = 1kHz)
dB
V
SDIH
Shutdown Voltage Input High
SD Pin High = Part On
1.5
V (min)
V
SDIL
Shutdown Voltage Input Low
SD Pin Low = Part Off
1.3
V (max)
Electrical Characteristics V
DD =3V
(Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4906
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A, No Load
2.6
6
mA (max)
V
IN = 0V, Io = 0A, 8
Ω Load
3
7
mA (max)
I
SD
Shutdown Current
V
SD = GND
0.1
2
µA (max)
V
OS
Output Offset Voltage
7
35
mV (max)
P
o
Output Power
THD+N = 1% (max);f=1kHz
R
L =8
Ω
390
mW
T
WU
Wake-up time
4
ms
THD+N
Total Harmonic Distortion+Noise
P
o = 0.15 Wrms; f = 1kHz
0.1
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
Input terminated with 10
Ω
Gain at 6dB
71 (f =
217Hz)
73 (f = 1kHz)
dB
V
SDIH
Shutdown Voltage Input High
SD Pin High = Part On
1.1
V (min)
V
SDIL
Shutdown Voltage Input Low
SD Pin Low = Part Off
0.9
V (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com