Electronic Components Datasheet Search
  English  ▼

X  

MUB08A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MUB08A
Description  1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MUB08A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MUB08A Datasheet HTML 1Page - National Semiconductor (TI) MUB08A Datasheet HTML 2Page - National Semiconductor (TI) MUB08A Datasheet HTML 3Page - National Semiconductor (TI) MUB08A Datasheet HTML 4Page - National Semiconductor (TI) MUB08A Datasheet HTML 5Page - National Semiconductor (TI) MUB08A Datasheet HTML 6Page - National Semiconductor (TI) MUB08A Datasheet HTML 7Page - National Semiconductor (TI) MUB08A Datasheet HTML 8Page - National Semiconductor (TI) MUB08A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4906
1W, Bypass-Capacitor-less Audio Amplifier with Internal
Selectable Gain
General Description
The LM4906 is an audio power amplifier primarily designed
for demanding applications in mobile phones and other por-
table communication device applications. It is capable of
delivering 1W of continuous average power to an 8
Ω BTL
load with less than 1% distortion (THD+N) from a +5V power
supply.
The LM4906 is the first National Semiconductor Boomer
Power Amplifier that does not require an external PSRR
bypass capacitor. The LM4906 also has an internal select-
able gain of either 6dB or 12dB. In addition, no output
coupling capacitors or bootstrap capacitors are required
which makes the LM4906 ideally suited for cell phone and
other low voltage portable applications.
The LM4906 contains advanced pop and click circuitry that
eliminates noise, which would otherwise occur during
turn-on and turn-off transitions.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4906 features a low -power
consumption shutdown mode (the part is enabled by pulling
the SD pin high). Additionally, the LM4906 features an inter-
nal thermal shutdown protection mechanism.
Key Specifications
j Improved PSRR at 217Hz for +3V
71dB
j Power Output at +5V, THD+N = 1%, 8
Ω
1.0W (typ)
j Power Output at +3V, THD+N = 1%, 8
Ω 390mW (typ)
j Total shutdown power supply current
0.1µA (typ)
Features
n
Selectable gain of 6dB (2V/V) or 12dB (4V/V)
n
No output or PSRR bypass capacitors required
n
Improved “Click and Pop” suppression circuitry
n
Very fast turn on time: 5ms (typ)
n
Minimum external components
n
2.6 - 5.5V operation
n
BTL output can drive capacitive loads
n
Ultra low current shutdown mode (SD Low)
Applications
n
Portable computers
n
Desktop computers
n
Multimedia monitors
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
200571B9
FIGURE 1. Typical Audio Amplifier Application Circuit
May 2003
© 2003 National Semiconductor Corporation
DS200571
www.national.com


Similar Part No. - MUB08A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MUB31DH MICRO-ELECTRONICS-MUB31DH Datasheet
55Kb / 1P
LOW CURRENT HIGH EFFICIENCY LED
MUB32DH MICRO-ELECTRONICS-MUB32DH Datasheet
68Kb / 1P
LOW CURRENT HIGH EFFICIENCY LED
MUB32DH MICRO-ELECTRONICS-MUB32DH Datasheet
45Kb / 1P
ULTRA HIGH BRIGHTNESS RED LED LAMP
MUB32DH-5 MICRO-ELECTRONICS-MUB32DH-5 Datasheet
45Kb / 1P
LOW CURRENT HIGH EFFICIENCY RED LED LAMP
MUB51DH MICRO-ELECTRONICS-MUB51DH Datasheet
73Kb / 1P
LOW CURRENTHIGH EFFICIENCY LED
More results

Similar Description - MUB08A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7233S STMICROELECTRONICS-TDA7233S Datasheet
65Kb / 6P
1W AUDIO AMPLIFIER WITH MUTE
May-1997
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
Sense current amplifier with selectable gain
2003 Nov 10
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
ON Semiconductor
NCP2821 ONSEMI-NCP2821 Datasheet
247Kb / 19P
2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
February, 2006 ??Rev. 0
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
1W differential input/output audio power amplifier with selectable standby
logo
Unisonic Technologies
PA3312 UTC-PA3312 Datasheet
238Kb / 10P
DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
STMicroelectronics
TDA7233D013TR STMICROELECTRONICS-TDA7233D013TR Datasheet
371Kb / 8P
1W AUDIO AMPLIFIER WITH MUTE
03-May-2010
logo
Texas Instruments
LM4906 TI1-LM4906_14 Datasheet
1Mb / 21P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Texas Instruments
LM4906 TI1-LM4906 Datasheet
1Mb / 22P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com