Electronic Components Datasheet Search
  English  ▼

X  

MUB08A Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MUB08A
Description  1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MUB08A Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button MUB08A Datasheet HTML 3Page - National Semiconductor (TI) MUB08A Datasheet HTML 4Page - National Semiconductor (TI) MUB08A Datasheet HTML 5Page - National Semiconductor (TI) MUB08A Datasheet HTML 6Page - National Semiconductor (TI) MUB08A Datasheet HTML 7Page - National Semiconductor (TI) MUB08A Datasheet HTML 8Page - National Semiconductor (TI) MUB08A Datasheet HTML 9Page - National Semiconductor (TI) MUB08A Datasheet HTML 10Page - National Semiconductor (TI) MUB08A Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical Performance Characteristics (Continued)
Shutdown Hysteresis Voltage
V
DD = 3V, SD Mode = VDD (High)
Shutdown Hysteresis Voltage
V
DD = 3V, SD Mode = GND (Low)
200571E5
200571D6
Output Power
vs Supply Voltage, R
L =8
Ω
Output Power
vs Supply Voltage, R
L =16
Ω
200571D7
200571D9
Output Power
vs Supply Voltage, R
L =32
Ω
Frequency Response
vs Input Capacitor Size
200571D8
200571F3
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com