Electronic Components Datasheet Search
  English  ▼

X  

MAC7101 Datasheet(PDF) 34 Page - Motorola, Inc

Part # MAC7101
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101 Datasheet(HTML) 34 Page - Motorola, Inc

Back Button MAC7101 Datasheet HTML 30Page - Motorola, Inc MAC7101 Datasheet HTML 31Page - Motorola, Inc MAC7101 Datasheet HTML 32Page - Motorola, Inc MAC7101 Datasheet HTML 33Page - Motorola, Inc MAC7101 Datasheet HTML 34Page - Motorola, Inc MAC7101 Datasheet HTML 35Page - Motorola, Inc MAC7101 Datasheet HTML 36Page - Motorola, Inc MAC7101 Datasheet HTML 37Page - Motorola, Inc MAC7101 Datasheet HTML 38Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.13.1.3 Sector Erase
Erasing a 4k byte Flash sector takes:
The setup time can be ignored for this operation.
3.13.1.4 Mass Erase
Erasing a NVM block takes:
The setup time can be ignored for this operation.
3.13.1.5 Blank Check
The time it takes to perform a blank check on the Flash or Data Flash is dependant on the location of the
first non-blank word starting at relative address zero. It takes one bus cycle per word to verify plus a setup
of the command.
Table 36. NVM Timing Characteristics 1
1 Conditions are shown in Table 6 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
Z1
D System Clock/2
fNVMfsys
0.5
—
50 2
2 Restrictions for oscillator in crystal mode apply!
MHz
Z2
D Bus frequency for Programming or Erase Operations fNVMBUS
1—
—
MHz
Z3
D Operating Frequency
fNVMOP
150
—
200
kHz
Z4
P Single Word Programming Time
tswpgm
46 3
3 Minimum programming times are achieved under maximum NVM operating frequency fNVMOP and maximum bus frequency fbus.
—74.5 4
4 Maximum erase and programming times are achieved under particular combinations of fNVMOP and bus frequency
fbus. Refer to formulae in Section 3.13.1.1, “Single Word Programming,” through Section 3.13.1.4, “Mass Erase,” for
more information.
µs
Z5
D Flash Burst Programming consecutive word
tbwpgm
20.4 3
—31 4
µs
Z6
D Flash Burst Programming Time for 32 Words
tbrpgm
678.4 3
—
1035.5 4
µs
Z7
P Sector Erase Time
tera
20 5
5 Minimum erase times are achieved under maximum NVM operating frequency fNVMOP.
—26.7 4
ms
Z8
P Mass Erase Time
tmass
100 5
—
133 4
ms
Z9
D Blank Check Time Flash per block
tcheck
11 6
6 Minimum time, if first word in the array is not blank
—
32778 7
7 Maximum time to complete check on an erased block
tcyc
Z10 D Blank Check Time Data Flash per block
tcheck
11 6
—2058 7
tcyc
tera 4000
1
fNVMOP
------------------
⋅
≈
tmass 20000
1
fNVMOP
------------------
⋅
≈
tcheck location tcyc 10 tcyc
⋅
+
⋅
≈
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com