Electronic Components Datasheet Search
  English  ▼

X  

MAC7101 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MAC7101
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MAC7101 Datasheet HTML 5Page - Motorola, Inc MAC7101 Datasheet HTML 6Page - Motorola, Inc MAC7101 Datasheet HTML 7Page - Motorola, Inc MAC7101 Datasheet HTML 8Page - Motorola, Inc MAC7101 Datasheet HTML 9Page - Motorola, Inc MAC7101 Datasheet HTML 10Page - Motorola, Inc MAC7101 Datasheet HTML 11Page - Motorola, Inc MAC7101 Datasheet HTML 12Page - Motorola, Inc MAC7101 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
MOTOROLA
MAC7100 Microcontroller Family Hardware Specifications
9
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
ElectricalCharacteristics
Table 12. Supply Current Characteristics
Num C
Rating
Symbol
Typ
Max
Unit
D1a
C Run Supply Current
Single Chip
–40
° C 2
IDDRcore
— 1
1 At the time of publication, this value is yet to be determined, and will be supplied when device characterization is complete.
— 1
mA
25
° C 2
— 1
— 1
mA
85
° C 2
2 85°C, 105°C, and 125°C refer to the "C", "V", and "M" Temperature Options, respectively.
— 1
— 1
mA
105
° C 2
— 1
— 1
mA
125
° C 2
— 1
— 1
mA
D1b
C
–40
° C 2
IDDRreg
— 1
— 1
mA
25
° C 2
— 1
— 1
mA
85
° C 2
— 1
— 1
mA
105
° C 2
— 1
— 1
mA
125
° C 2
— 1
— 1
mA
D1c
C
–40
° C 2
IDDRpins
— 1
— 1
mA
25
° C 2
— 1
— 1
mA
85
° C 2
— 1
— 1
mA
105
° C 2
— 1
— 1
mA
125
° C 2
— 1
— 1
mA
D2
C Doze Supply Current
Run
≥ Doze ≥ Pseudo Stop
D3a
C Psuedo Stop Current
PLL on
–40
° C 2
IDDPScore
— 1
— 1
µA
25
° C 2
— 1
— 1
µA
85
° C 2
— 1
— 1
µA
105
° C 2
— 1
— 1
µA
125
° C 2
— 1
— 1
µA
D3b
C
–40
° C 2
IDDPSreg
— 1
— 1
µA
25
° C 2
278 / 327 3
3 RTI disabled / enabled.
— 1
µA
85
° C 2
— 1
— 1
µA
105
° C 2
— 1
— 1
µA
125
° C 2
— 1
— 1
µA
D3c
C
–40
° C 2
IDDPSpins
— 1
— 1
µA
25
° C 2
4 / 5 3
— 1
µA
85
° C 2
— 1
— 1
µA
105
° C 2
— 1
— 1
µA
125
° C 2
— 1
— 1
µA
D4a
C Stop Current
TJ = TA assumed
–40
° C 2
IDDScore
— 1
— 1
µA
25
° C 2
— 1
— 1
µA
85
° C 2
— 1
— 1
µA
105
° C 2
— 1
— 1
µA
125
° C 2
— 1
— 1
µA
D4b
C
–40
° C 2
IDDSreg
— 1
— 1
µA
25
° C 2
68
— 1
µA
85
° C 2
— 1
— 1
µA
105
° C 2
— 1
— 1
µA
125
° C 2
— 1
— 1
µA
D4c
C
–40
° C 2
IDDSpins
— 1
— 1
µA
25
° C 2
4— 1
µA
85
° C 2
— 1
— 1
µA
105
° C 2
— 1
— 1
µA
125
° C 2
— 1
— 1
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com