Electronic Components Datasheet Search
  English  ▼

X  

MAC7101 Datasheet(PDF) 18 Page - Motorola, Inc

Part # MAC7101
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button MAC7101 Datasheet HTML 14Page - Motorola, Inc MAC7101 Datasheet HTML 15Page - Motorola, Inc MAC7101 Datasheet HTML 16Page - Motorola, Inc MAC7101 Datasheet HTML 17Page - Motorola, Inc MAC7101 Datasheet HTML 18Page - Motorola, Inc MAC7101 Datasheet HTML 19Page - Motorola, Inc MAC7101 Datasheet HTML 20Page - Motorola, Inc MAC7101 Datasheet HTML 21Page - Motorola, Inc MAC7101 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
18
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.8.6
Startup
Table 21 summarizes several startup characteristics explained in this section. Refer to the MAC7100
Microcontroller Family Reference Manual (MAC7100RM/D) for a detailed description of the startup
behavior.
3.8.6.1
Power On and Low Voltage Reset (POR and LVR)
The release level VPORR and the assert level VPORA are derived from the VDD2.5 supply. The assert level
VLVRA is derived from the VDD2.5 supply. They are also valid if the device is powered externally. After
releasing the POR or LVR reset, the oscillator and the clock quality check are started. If after a time tCQOUT
no valid oscillation is detected, the MCU will start using the internal self-generated clock. The fastest startup
time possible is given by tuposc (refer to Table 17).
3.8.6.2
SRAM Data Retention
The SRAM contents integrity is guaranteed if the PORF bit in the CRGFLG register is not set following a
reset operation.
3.8.6.3
External Reset
When external reset is asserted for a time greater than PWRSTL, the CRG module generates an internal reset
and the CPU starts fetching the reset vector without doing a clock quality check, if there was stable
oscillation before reset.
3.8.6.4
Stop Recovery
The MCU can be returned to run mode from the stop mode by an external interrupt. A clock quality check
is performed in the same manner as for POR before releasing the clocks to the system.
3.8.6.5
Pseudo Stop and Doze Recovery
Recovery from pseudo stop and doze modes are essentially the same, since the oscillator is not stopped in
either mode. The controller is returned to run mode by internal or external interrupts or other wakeup events
in the system. After twrs, the CPU fetches an interrupt vector if the wakeup event was an interrupt, or
continues to execute code if the wakeup event was not an interrupt.
Table 21. CRG Startup Characteristics
Num C
Rating
Symbol
Min
Typ
Max
Unit
K1
T POR release level
VPORR
——
2.07
V
K2
T POR assert level
VPORA
0.97
—
—
V
K3
D Reset input pulse width, minimum input time
PWRSTL
2—
—
tosc
K4
D Startup from Reset
nRST
192
—
196
nosc
K5
D Interrupt pulse width, IRQ edge-sensitive mode
PWIRQ
20
—
—
ns
K6
D Wait recovery startup time
tWRS
——
14
tcyc
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com