Electronic Components Datasheet Search
  English  ▼

X  

M68SDIL Datasheet(PDF) 79 Page - Motorola, Inc

Part # M68SDIL
Description  Advance Information - Rev 4.0
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68SDIL Datasheet(HTML) 79 Page - Motorola, Inc

Back Button M68SDIL Datasheet HTML 75Page - Motorola, Inc M68SDIL Datasheet HTML 76Page - Motorola, Inc M68SDIL Datasheet HTML 77Page - Motorola, Inc M68SDIL Datasheet HTML 78Page - Motorola, Inc M68SDIL Datasheet HTML 79Page - Motorola, Inc M68SDIL Datasheet HTML 80Page - Motorola, Inc M68SDIL Datasheet HTML 81Page - Motorola, Inc M68SDIL Datasheet HTML 82Page - Motorola, Inc M68SDIL Datasheet HTML 83Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 432 page
background image
Operating Modes and Resource Mapping
Internal Resource Mapping
68HC(9)12D60 — Rev 4.0
Advance Information
MOTOROLA
Operating Modes and Resource Mapping
79
EME — Emulate Port E
In single-chip mode PORTE and DDRE are always in the map
regardless of the state of this bit.
0 = PORTE and DDRE are in the memory map.
1 = If in an expanded mode, PORTE and DDRE are removed from the
internal memory map. Removing the registers from the map allows
the user to emulate the function of these registers externally.
Normal modes: write once; special modes: write anytime EXCEPT
the first time. Read anytime.
5.5 Internal Resource Mapping
The internal register block, RAM, and EEPROM have default locations
within the 64K byte standard address space but may be reassigned to
other locations during program execution by setting bits in mapping
registers INITRG, INITRM, and INITEE. During normal operating modes
these registers can be written once. It is advisable to explicitly establish
these resource locations during the initialization phase of program
execution, even if default values are chosen, in order to protect the
registers from inadvertent modification later.
Writes to the mapping registers go into effect between the cycle that
follows the write and the cycle after that. To assure that there are no
unintended operations, a write to one of these registers should be
followed with a NOP instruction.
If conflicts occur when mapping resources, the register block will take
precedence over the other resources; RAM or EEPROM addresses
occupied by the register block will not be available for storage. When
active, BDM ROM takes precedence over other resources, although a
conflict between BDM ROM and register space is not possible. The
following table shows resource mapping precedence.
In expanded modes, all address space not used by internal resources is
by default external memory.
The 68HC912D60 contains 60K bytes of Flash EEPROM nonvolatile
memory which can be used to store program code or static data. It is
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com