Electronic Components Datasheet Search
  English  ▼

X  

M68SDIL Datasheet(PDF) 89 Page - Motorola, Inc

Part # M68SDIL
Description  Advance Information - Rev 4.0
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68SDIL Datasheet(HTML) 89 Page - Motorola, Inc

Back Button M68SDIL Datasheet HTML 85Page - Motorola, Inc M68SDIL Datasheet HTML 86Page - Motorola, Inc M68SDIL Datasheet HTML 87Page - Motorola, Inc M68SDIL Datasheet HTML 88Page - Motorola, Inc M68SDIL Datasheet HTML 89Page - Motorola, Inc M68SDIL Datasheet HTML 90Page - Motorola, Inc M68SDIL Datasheet HTML 91Page - Motorola, Inc M68SDIL Datasheet HTML 92Page - Motorola, Inc M68SDIL Datasheet HTML 93Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 432 page
background image
Bus Control and Input/Output
Registers
68HC(9)12D60 — Rev 4.0
Advance Information
MOTOROLA
Bus Control and Input/Output
89
Bits PA[7:0] are associated respectively with addresses ADDR[15:8],
DATA[15:8] and DATA[7:0], in narrow mode. When this port is not used
for external addresses such as in single-chip mode, these pins can be
used as general-purpose I/O. DDRA determines the primary direction of
each pin. This register is not in the on-chip map in expanded and
peripheral modes. Read and write anytime.
This register determines the primary direction for each port A pin when
functioning as a general-purpose I/O port. DDRA is not in the on-chip
map in expanded and peripheral modes. Read and write anytime.
0 = Associated pin is a high-impedance input
1 = Associated pin is an output
Bit 7
6
54
32
1
Bit 0
Single Chip
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
RESET:
—
—
—
—
—
—
—
—
Expanded
& Periph:
ADDR15/
DATA15
ADDR14/
DATA14
ADDR13/
DATA13
ADDR12/
DATA12
ADDR11/
DATA11
ADDR10/
DATA10
ADDR9/
DATA9
ADDR8/
DATA8
Expanded
narrow
ADDR15/
DATA15/
DATA7
ADDR14/
DATA14/
DATA6
ADDR13/
DATA13/
DATA5
ADDR12/
DATA12/
DATA4
ADDR11/
DATA11/
DATA3
ADDR10/
DATA10/
DATA2
ADDR9/
DATA9/
DATA1
ADDR8/
DATA8/
DATA0
PORTA — Port A Register
$0000
Bit 7
654321
Bit 0
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
RESET:
00000000
DDRA — Port A Data Direction Register
$0002
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com