Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 52 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 52 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 48Page - Cypress Semiconductor BCM4354 Datasheet HTML 49Page - Cypress Semiconductor BCM4354 Datasheet HTML 50Page - Cypress Semiconductor BCM4354 Datasheet HTML 51Page - Cypress Semiconductor BCM4354 Datasheet HTML 52Page - Cypress Semiconductor BCM4354 Datasheet HTML 53Page - Cypress Semiconductor BCM4354 Datasheet HTML 54Page - Cypress Semiconductor BCM4354 Datasheet HTML 55Page - Cypress Semiconductor BCM4354 Datasheet HTML 56Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 192 page
background image
PCM Interface
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 51
Short Frame Sync, Burst Mode
Figure 14: PCM Burst Mode Timing (Receive Only, Short Frame Sync)
Table 11: PCM Burst Mode (Receive Only, Short Frame Sync)
Ref No.
Characteristics
Minimum
Typical Maximum Unit
1
PCM bit clock frequency
–
–
24
MHz
2
PCM bit clock LOW
20.8
–
–
ns
3
PCM bit clock HIGH
20.8
–
–
ns
4
PCM_SYNC setup
8
–
–
ns
5
PCM_SYNC hold
8
–
–
ns
6
PCM_IN setup
8
–
–
ns
7
PCM_IN hold
8
–
–
ns
PCM_BCLK
PCM_SYNC
1
23
45
PCM_IN
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com