Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 50Page - Cypress Semiconductor BCM4354 Datasheet HTML 51Page - Cypress Semiconductor BCM4354 Datasheet HTML 52Page - Cypress Semiconductor BCM4354 Datasheet HTML 53Page - Cypress Semiconductor BCM4354 Datasheet HTML 54Page - Cypress Semiconductor BCM4354 Datasheet HTML 55Page - Cypress Semiconductor BCM4354 Datasheet HTML 56Page - Cypress Semiconductor BCM4354 Datasheet HTML 57Page - Cypress Semiconductor BCM4354 Datasheet HTML 58Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 192 page
background image
USB Interface
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 53
USB Interface
Features
The following USB interface features are supported:
• USB Protocol, Revision 2.0, full-speed (12 Mbps) compliant including the hub
• Optional hub compound device with up to three device cores internal to device
• Bus or self-power, dynamic configuration for the hub
• Global and selective suspend and resume with remote wake-up
• Bluetooth HCI
• HID, DFU, UHE (proprietary method to emulate an HID device at system bootup)
• Integrated detach resistor
Operation
The BCM4354 can be configured to boot up as either a single USB peripheral or a USB hub with several USB
peripherals attached. As a single peripheral, the host detects a single USB Bluetooth device. In hub mode, the
host detects a hub with one to three of the ports already connected to USB devices (see Figure 16).
Figure 16: USB Compounded Device Configuration
Depending on the desired hub mode configuration, the BCM4354 can boot up showing the three ports
connected to logical USB devices internal to the BCM4354: a generic Bluetooth device, a mouse, and a
keyboard. In this mode, the mouse and keyboard are emulated devices, since they connect to real HID devices
via a Bluetooth link. The Bluetooth link to these HID devices is hidden from the USB host. To the host, the mouse
and/or keyboard appear to be directly connected to the USB port. This Broadcom proprietary architecture is
called USB HID Emulation (UHE).
The USB device, configuration, and string descriptors are fully programmable, allowing manufacturers to
customize the descriptors, including vendor and product IDs, the BCM4354 uses to identify itself on the USB
port. To make custom USB descriptor information available at boot time, stored it in external NVRAM.
USB Compounded Device
Hub Controller
USB Device 1
HID Keyboard
USB Device 2
HID Mouse
USB Device 3
Bluetooth
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com