| Electronic Components Datasheet Search |
|
BCM4354 Datasheet(PDF) 73 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
BCM4354 Datasheet(HTML) 73 Page - Cypress Semiconductor |
|
73 / 192 page ![]() PCI Express Interface BCM4354 Data Sheet BROADCOM CONFIDENTIAL Broadcom® October 15, 2014 • 4354-DS109-R Page 72 Each layer is partitioned into dedicated transmit and receive units that allow point-to-point communication between the host and BCM4354 device. The transmit side processes outbound packets whereas the receive side processes inbound packets. Packets are formed and generated in the Transaction and Data Link Layer for transmission onto the high-speed links and onto the receiving device. A header is added at the beginning to indicate the packet type and any other optional fields. Figure 29: PCI Express Layer Model Transaction Layer Interface The PCIe core employs a packet-based protocol to transfer data between the host and BCM4354 device, delivering new levels of performance and features. The upper layer of the PCIe is the Transaction Layer. The Transaction layer is primarily responsible for assembly and disassembly of Transaction Layer Packets (TLPs). TLP structure contains header, data payload, and End-to-End CRC (ECRC) fields, which are used to communicate transactions, such as read and write requests and other events. A pipelined full split-transaction protocol is implemented in this layer to maximize efficient communication between devices with credit-based flow control of TLP, which eliminates wasted link bandwidth due to retries. Data Link Layer The data link layer serves as an intermediate stage between the transaction layer and the physical layer. Its primary responsibility is to provide reliable, efficient mechanism for the exchange of TLPs between two directly connected components on the link. Services provided by the data link layer include data exchange, initialization, error detection and correction, and retry services. Data Link Layer Packets (DLLPs) are generated and consumed by the data link layer. DLLPs are the mechanism used to transfer link management information between data link layers of the two directly connected components on the link, including TLP acknowledgement, power management, and flow control. Transaction Layer Data Link Layer Logical Subblock Electrical Subblock Physical Layer Transaction Layer Data Link Layer Logical Subblock Electrical Subblock Physical Layer HW/SW Interface HW/SW Interface TX RX TX RX |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |