Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 106 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 106 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 102Page - Cypress Semiconductor BCM4354 Datasheet HTML 103Page - Cypress Semiconductor BCM4354 Datasheet HTML 104Page - Cypress Semiconductor BCM4354 Datasheet HTML 105Page - Cypress Semiconductor BCM4354 Datasheet HTML 106Page - Cypress Semiconductor BCM4354 Datasheet HTML 107Page - Cypress Semiconductor BCM4354 Datasheet HTML 108Page - Cypress Semiconductor BCM4354 Datasheet HTML 109Page - Cypress Semiconductor BCM4354 Datasheet HTML 110Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 105
WLAN SDIO Bus Interface
These signals can support alternate functionality depending on package and host interface mode. See
Table 26: “GPIO Alternative Signal Functions,” on page 120
78
SDIO_CLK
I
SDIO clock input
81
SDIO_CMD
I/O
SDIO command line
82
SDIO_DATA_0
I/O
SDIO data line 0
77
SDIO_DATA_1
I/O
SDIO data line 1
80
SDIO_DATA_2
I/O
SDIO data line 2
79
SDIO_DATA_3
I/O
SDIO data line 3
WLAN HSIC Interface
100
HSIC_STROBE
I/O
HSIC Strobe
101
HSIC_DATA
I/O
HSIC Data
99
RREFHSIC
I
HSIC reference resistor input. If HSIC is used,
connect this pin to ground via a 51-ohm 5% resistor.
On SDIO designs this pin should not be connected.
WLAN GPIO Interface
The GPIO signals can be multiplexed via software and the JTAG_SEL pin to support other functions. See
Table 23: “WLAN GPIO Functions and Strapping Options,” on page 119 and Table 26: “GPIO Alternative Signal
Functions,” on page 120 for additional details.
218
GPIO_0
I/O
Programmable GPIO pins
219
GPIO_1
I/O
220
GPIO_2
I/O
221
GPIO_3
I/O
229
GPIO_4
I/O
237
GPIO_5
I/O
236
GPIO_6
I/O
189
GPIO_7
I/O
196
GPIO_8
I/O
205
GPIO_9
I/O
185
GPIO_10
I/O
192
GPIO_11
I/O
199
GPIO_12
I/O
182
GPIO_13
I/O
188
GPIO_14
I/O
195
GPIO_15
I/O
JTAG Interface
239
JTAG_SEL
I/O
JTAG select: pull high to select the JTAG interface. If
the JTAG interface is not used this pin may be left
floating or connected to ground.
Note:
See Table 26: “GPIO Alternative Signal
Functions,” on page 120 for the JTAG signal pins.
Table 21: WLCSP Signal Descriptions (Cont.)
Bump#
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com