Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 117 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 117 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 113Page - Cypress Semiconductor BCM4354 Datasheet HTML 114Page - Cypress Semiconductor BCM4354 Datasheet HTML 115Page - Cypress Semiconductor BCM4354 Datasheet HTML 116Page - Cypress Semiconductor BCM4354 Datasheet HTML 117Page - Cypress Semiconductor BCM4354 Datasheet HTML 118Page - Cypress Semiconductor BCM4354 Datasheet HTML 119Page - Cypress Semiconductor BCM4354 Datasheet HTML 120Page - Cypress Semiconductor BCM4354 Datasheet HTML 121Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 192 page
background image
Signal Descriptions
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 116
F12
VOUT_3P3
O
LDO 3.3V output
–
VOUT_3P3_SENSE
O
Voltage sense pin for LDO 3.3V output
Bluetooth Supplies
M1
BT_PAVDD2P5
PWR Bluetooth PA power supply
K1
BT_LNAVDD1P2
PWR Bluetooth LNA power supply
K3
BT_IFVDD1P2
PWR Bluetooth IF block power supply
K2
BT_PLLVDD1P2
PWR Bluetooth RF PLL power supply
J1
BT_VCOVDD1P2
PWR Bluetooth RF power supply
K7
BT_VDDIO
PWR Core supply
FM Transceiver Supplies
G1
FM_LNAVCOVDD1P2
PWR FM LNA and VCO 1.2V power supply
–
FM_LNAVDD1P2
PWR FM LNA 1.2V power supply
–
FM_VCOVDD1P2
PWR FM VCO 1.2V power supply
F3
FM_PLLVDD1P2
PWR FM PLL 1.2V power supply
E2
FM_AUDIOVDD1P2
PWR FM AUDIO power supply
WLAN Supplies
U4
WRF_BUCK_VDD1P5_CORE0
PWR Internal capacitor-less CORE0 LDO supply
R11
WRF_BUCK_VDD1P5_CORE1
PWR Internal capacitor-less CORE1 LDO supply
V6
WRF_SYNTH_VBAT_VDD3P3
PWR Synth VDD 3.3V supply
R3
WRF_PADRV_VBAT_VDD3P3_CO
RE0
PWR CORE0 PA Driver VBAT supply
T9
WRF_PADRV_VBAT_VDD3P3_CO
RE1
PWR CORE1 PA Driver VBAT supply
T1
WRF_PA5G_VBAT_VDD3P3_COR
E0
PWR 5 GHz CORE0 PA 3.3V VBAT supply
V10
WRF_PA5G_VBAT_VDD3P3_COR
E1
PWR 5 GHz CORE1 PA 3.3V VBAT supply
R1
WRF_PA2G_VBAT_VDD3P3_COR
E0
PWR 2 GHz CORE0 PA 3.3V VBAT supply
V9
WRF_PA2G_VBAT_VDD3P3_COR
E1
PWR 2 GHz CORE1 PA 3.3V VBAT supply
T5
WRF_MMD_VDD1P2
PWR 1.2V supply
T4
WRF_PFD_VDD1P2
PWR 1.2V supply
Miscellaneous Supplies
–
OTP_VDD33
PWR OTP 3.3V supply
B7, D4,
E9, G10,
J8, J12,
L10, M7
VDDC
PWR 1.2V core supply for WLAN
Table 22: WLBGA Signal Descriptions
Ball#
Signal Name
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com