Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 164 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 164 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 160Page - Cypress Semiconductor BCM4354 Datasheet HTML 161Page - Cypress Semiconductor BCM4354 Datasheet HTML 162Page - Cypress Semiconductor BCM4354 Datasheet HTML 163Page - Cypress Semiconductor BCM4354 Datasheet HTML 164Page - Cypress Semiconductor BCM4354 Datasheet HTML 165Page - Cypress Semiconductor BCM4354 Datasheet HTML 166Page - Cypress Semiconductor BCM4354 Datasheet HTML 167Page - Cypress Semiconductor BCM4354 Datasheet HTML 168Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 192 page
background image
LNLDO
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 163
LNLDO
Table 48: LNLDO Specifications
Specification
Notes
Min.
Typ.
Max.
Units
Input supply voltage, Vin
Min. = 1.2Vo + 0.15V = 1.35V dropout
voltage requirement must be met under
maximum load.
1.3
1.35
1.5
V
Output Current
–
0.1
–
150
mA
Output Voltage, Vo
Programmable in 25 mV steps.
Default = 1.2V
1.1
1.2
1.275
V
Dropout Voltage
At maximum load
–
–
150
mV
Output Voltage DC Accuracy Includes line/load regulation
–4
–
+4
%
Quiescent current
No load
–
44
–
µA
Max. load
–
970
990
µA
Line Regulation
Vin from (Vo + 0.1V) to 1.5V, max. load
–
–
5
mV/V
Load Regulation
Load from 1 mA to 150 mA
–
0.02
0.05
mV/mA
Leakage Current
Power-down
–
–
10
µA
Output Noise
@30 kHz, 60–150 mA load Co = 2.2 µF
@100 kHz, 60–150 mA load Co = 2.2 µF
–
–
60
35
nV/rt Hz
nV/rt Hz
PSRR
@ 1kHz, Input > 1.35V, Co= 2.2 µF, Vo =
1.2V
20
–
–
dB
LDO Turn-on Time
LDO turn-on time when rest of chip is up
–
140
180
µs
External Output Capacitor,
Co
Total ESR (trace/capacitor):
5 mΩ–240 mΩ
0.5a
a. Minimum capacitor value refers to the residual capacitor value after taking into account the part–to–part
tolerance, DC–bias, temperature, and aging.
2.2
4.7
µF
External Input Capacitor
Only use an external input capacitor at the
VDD_LDO pin if it is not supplied from
CBUCK output.
Total ESR (trace/capacitor): 30 mΩ–200 mΩ
–
1
2.2
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com