Electronic Components Datasheet Search
  English  ▼

X  

BCM43455 Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # BCM43455
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43455 Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button BCM43455 Datasheet HTML 45Page - Cypress Semiconductor BCM43455 Datasheet HTML 46Page - Cypress Semiconductor BCM43455 Datasheet HTML 47Page - Cypress Semiconductor BCM43455 Datasheet HTML 48Page - Cypress Semiconductor BCM43455 Datasheet HTML 49Page - Cypress Semiconductor BCM43455 Datasheet HTML 50Page - Cypress Semiconductor BCM43455 Datasheet HTML 51Page - Cypress Semiconductor BCM43455 Datasheet HTML 52Page - Cypress Semiconductor BCM43455 Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
PCM Interface
BCM43455 Preliminary Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
November 5, 2015 • 43455-DS109-R
Page 48
PCM Interface
The BCM43455 supports two independent PCM interfaces that share the pins with the I2S interfaces. The PCM
Interface on the BCM43455 can connect to linear PCM Codec devices in master or slave mode. In master mode,
the BCM43455 generates the PCM_CLK and PCM_SYNC signals, and in slave mode, these signals are
provided by another master on the PCM interface and are inputs to the BCM43455.
The configuration of the PCM interface may be adjusted by the host through the use of vendor-specific HCI
commands.
Slot Mapping
The BCM43455 supports up to three simultaneous full-duplex SCO or eSCO channels through the PCM
interface. These three channels are time-multiplexed onto the single PCM interface by using a time-slotting
scheme where the 8 kHz or 16 kHz audio sample interval is divided into as many as 16 slots. The number of
slots is dependent on the selected interface rate of 128 kHz, 512 kHz, or 1024 kHz. The corresponding number
of slots for these interface rate is 1, 2, 4, 8, and 16, respectively. Transmit and receive PCM data from an SCO
channel is always mapped to the same slot. The PCM data output driver tristates its output on unused slots to
allow other devices to share the same PCM interface signals. The data output driver tristates its output after the
falling edge of the PCM clock during the last bit of the slot.
Frame Synchronization
The BCM43455 supports both short- and long-frame synchronization in both master and slave modes. In short-
frame synchronization mode, the frame synchronization signal is an active-high pulse at the audio frame rate
that is a single-bit period in width and is synchronized to the rising edge of the bit clock. The PCM slave looks
for a high on the falling edge of the bit clock and expects the first bit of the first slot to start at the next rising edge
of the clock. In long-frame synchronization mode, the frame synchronization signal is again an active-high pulse
at the audio frame rate; however, the duration is three bit periods and the pulse starts coincident with the first
bit of the first slot.
Data Formatting
The BCM43455 may be configured to generate and accept several different data formats. For conventional
narrowband speech mode, the BCM43455 uses 13 of the 16 bits in each PCM frame. The location and order of
these 13 bits can be configured to support various data formats on the PCM interface. The remaining three bits
are ignored on the input and may be filled with 0s, 1s, a sign bit, or a programmed value on the output. The
default format is 13-bit 2’s complement data, left justified, and clocked MSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com