Electronic Components Datasheet Search
  English  ▼

X  

BCM43455 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # BCM43455
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43455 Datasheet(HTML) 2 Page - Cypress Semiconductor

  BCM43455 Datasheet HTML 1Page - Cypress Semiconductor BCM43455 Datasheet HTML 2Page - Cypress Semiconductor BCM43455 Datasheet HTML 3Page - Cypress Semiconductor BCM43455 Datasheet HTML 4Page - Cypress Semiconductor BCM43455 Datasheet HTML 5Page - Cypress Semiconductor BCM43455 Datasheet HTML 6Page - Cypress Semiconductor BCM43455 Datasheet HTML 7Page - Cypress Semiconductor BCM43455 Datasheet HTML 8Page - Cypress Semiconductor BCM43455 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 159 page
background image
43455-DS109-R
5300 California Avenue • Irvine, CA 92617 • Phone: 949-926-5000 • Fax: 949-926-5203
November 5, 2015
Preliminary Data Sheet
BCM43455
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/
Radio with Integrated Bluetooth 4.1 and FM
Receiver
Figure 1: Functional Block Diagram
GENERAL DESCRIPT ION
The Broadcom® BCM43455 single-chip device
provides the highest level of integration for a mobile or
handheld wireless system with integrated single-
stream IEEE 802.11ac MAC/baseband/radio,
Bluetooth 4.1,and FM receiver.
In IEEE 802.11ac mode, the WLAN operation
supports rates of MCS0–MCS9 (up to 256 QAM) in
20 MHz, 40 MHz, and 80 MHz channels for data rates
of up to 433.3 Mbps. All rates specified in the IEEE
802.11a/b/g/n are supported. Included on-chip are
2.4 GHz and 5 GHz transmit amplifiers and receive
low-noise amplifiers. Optional external PAs and LNAs
are also supported.
The WLAN section supports the following host
interface options: an SDIO v3.0 interface that can
operate in 4b or 1b mode, a high-speed 4-wire UART,
and a PCIe Gen1 (3.0 compliant) interface. The
Bluetooth section supports a high-speed 4-wire UART
interface.
Using advanced design techniques and process
technology to reduce active and idle power, the
BCM43455 is designed to address the needs of
mobile devices that require minimal power
consumption and compact size. It includes a power
management unit which simplifies the system power
topology and allows for direct operation from a mobile
platform battery while maximizing battery life.
The BCM43455 implements highly sophisticated
enhanced collaborative coexistence hardware
mechanisms and algorithms, which ensure that
WLAN and Bluetooth collaboration is optimized for
maximum performance. In addition, coexistence
support for external radios (such as LTE cellular and
GPS) is provided via an external interface. As a result,
enhanced overall quality for simultaneous voice,
video, and data transmission on a handheld system is
achieved.
FEM or
T/R
Switch
VIO
VBAT
5 GHz WLAN Tx
5 GHz WLAN Rx
2.4 GHz WLAN Tx
2.4 GHz WLAN/BT Rx
Bluetooth Tx
FM Rx
WLAN
Host I/F
Bluetooth
Host I/F FM
Rx Host I/F
WL_REG_ON
SDIO
PCIe
BT_REG_ON
UART
BT_DEV_WAKE
BT_HOST_WAKE
CBF
I2S
FM Audio Out
I2S
PCM
COEX
External
Coexistence I/F
FEM or
Optional
T/R
Switch
FM I/F
UART
BCM43455



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com