Electronic Components Datasheet Search
  English  ▼

X  

BCM43455 Datasheet(PDF) 62 Page - Cypress Semiconductor

Part # BCM43455
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43455 Datasheet(HTML) 62 Page - Cypress Semiconductor

Back Button BCM43455 Datasheet HTML 58Page - Cypress Semiconductor BCM43455 Datasheet HTML 59Page - Cypress Semiconductor BCM43455 Datasheet HTML 60Page - Cypress Semiconductor BCM43455 Datasheet HTML 61Page - Cypress Semiconductor BCM43455 Datasheet HTML 62Page - Cypress Semiconductor BCM43455 Datasheet HTML 63Page - Cypress Semiconductor BCM43455 Datasheet HTML 64Page - Cypress Semiconductor BCM43455 Datasheet HTML 65Page - Cypress Semiconductor BCM43455 Datasheet HTML 66Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 159 page
background image
Wideband Speech Link
BCM43455 Preliminary Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
November 5, 2015 • 43455-DS109-R
Page 61
Wideband Speech Link
In this case, the stereo FM audio is downsampled to 16 kHz and a mono or stereo stream is then sent through
the Bluetooth wideband speech link to a remote Bluetooth device, typically a headset. Two Bluetooth voice
connections must be used to transport stereo.
A2DP
In this case, the stereo FM audio is encoded by the on-chip SBC encoder and transported as an A2DP link to a
remote Bluetooth device. Sampling rates of 48 kHz, 44.1 kHz, and 32 kHz joint stereo are supported. An A2DP
“lite” stack is implemented in the BCM43455 to support this use case, which eliminates the need to route the
SBC-encoded audio back to the host to create the A2DP packets.
Autotune and Search Algorithms
The BCM43455 supports a number of FM search and tune functions that allows the host to implement many
convenient user functions, which are accessed through the Broadcom FM stack.
• Tune to Play—Allows the FM receiver to be programmed to a specific frequency.
• Search for SNR > Threshold—Checks the power level of the available channel and the estimated SNR of
the channel to help achieve precise control of the expected sound quality for the selected FM channel.
Specifically, the host can adjust its SNR requirements to retrieve a signal with a specific sound quality, or
adjust this to return the weakest channels.
• Alternate Frequency Jump—Allows the FM receiver to automatically jump to an alternate FM channel that
carries the same information, but has a better SNR. For example, when traveling, a user may pass through
a region where a number of channels carry the same station. When the user passes from one area to the
next, the FM receiver can automatically switch to another channel with a stronger signal to spare the user
from having to manually change the channel to continue listening to the same station.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com