Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355
Description  1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA355 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA355 Datasheet HTML 10Page - Texas Instruments OPA355 Datasheet HTML 11Page - Texas Instruments OPA355 Datasheet HTML 12Page - Texas Instruments OPA355 Datasheet HTML 13Page - Texas Instruments OPA355 Datasheet HTML 14Page - Texas Instruments OPA355 Datasheet HTML 15Page - Texas Instruments OPA355 Datasheet HTML 16Page - Texas Instruments OPA355 Datasheet HTML 17Page - Texas Instruments OPA355 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
OPA657
14
SBOS197B
www.ti.com
The Typical Characteristics illustrate Recommended RS vs
Capacitive Load and the resulting frequency response at the
load. In this case, a design target of a maximally flat fre-
quency response was used. Lower values of RS may be used
if some peaking can be tolerated. Also, operating at higher
gains (than the +10 used in the Typical Characteristics) will
require lower values of RS for a minimally peaked frequency
response. Parasitic capacitive loads greater than 2pF can
begin to degrade the performance of the OPA657. Long PC
board traces, unmatched cables, and connections to multiple
devices can easily cause this value to be exceeded. Always
consider this effect carefully, and add the recommended
series resistor as close as possible to the OPA657 output pin
(see Board Layout section).
DISTORTION PERFORMANCE
The OPA657 is capable of delivering a low distortion signal
at high frequencies over a wide range of gains. The distortion
plots in the Typical Characteristics show the typical distortion
under a wide variety of conditions.
Generally, until the fundamental signal reaches very high
frequencies or powers, the 2nd-harmonic will dominate the
distortion with negligible 3rd-harmonic component. Focusing
then on the 2nd-harmonic, increasing the load impedance
improves distortion directly. Remember that the total load
includes the feedback network—in the non-inverting configu-
ration this is sum of RF + RG, while in the inverting configura-
tion this is just RF (Figure 1). Increasing output voltage swing
increases harmonic distortion directly. A 6dB increase in
output swing will generally increase the 2nd-harmonic 12dB
and the 3rd-harmonic 18dB. Increasing the signal gain will also
increase the 2nd-harmonic distortion. Again a 6dB increase in
gain will increase the 2nd- and 3rd-harmonic by about 6dB
even with a constant output power and frequency. And finally,
the distortion increases as the fundamental frequency in-
creases due to the rolloff in the loop gain with frequency.
Conversely, the distortion will improve going to lower frequen-
cies down to the dominant open loop pole at approximately
100kHz. Starting from the –70dBc 2nd-harmonic for a 5MHz,
2Vp-p fundamental into a 200
Ω load at G = +10 (from the
Typical Characteristics), the 2nd-harmonic distortion for fre-
quencies lower than 100kHz will be approximately < –90dBc.
The OPA657 has an extremely low 3rd-order harmonic distor-
tion. This also shows up in the 2-tone 3rd-order intermodulation
spurious (IM3) response curves. The 3rd-order spurious levels
are extremely low (< –80dBc) at low output power levels. The
output stage continues to hold them low even as the fundamen-
tal power reaches higher levels. As the Typical Characteristics
show, the spurious intermodulation powers do not increase as
predicted by a traditional intercept model. As the fundamental
power level increases, the dynamic range does not decrease
significantly. For 2 tones centered at 10MHz, with 4dBm/tone
into a matched 50
Ω load (i.e., 1Vp-p for each tone at the load,
which requires 4Vp-p for the overall 2-tone envelope at the
output pin), the Typical Characteristics show a 82dBc difference
between the test tone and the 3rd-order intermodulation spuri-
ous levels. This exceptional performance improves further when
operating at lower frequencies and/or higher load impedances.
D.C. ACCURACY AND OFFSET CONTROL
The OPA657 can provide excellent DC accuracy due to its high
open-loop gain, high common-mode rejection, high power-supply
rejection, and its trimmed input offset voltage (and drift) along with
the negligible errors introduced by the low input bias current. For
the best DC precision, a high-grade version (OPA657UB or
OPA657NB) screens the key DC parameters to an even tighter
limit. Both standard- and high-grade versions take advantage of
a new final test technique to 100% test input offset voltage drift
over temperature. This discussion will use the high-grade typical
and min/max electrical characteristics for illustration, however, an
identical analysis applies to the standard-grade version.
The total output DC offset voltage in any configuration and
temperature will be the combination of a number of possible error
terms. In a JFET part like the OPA657, the input bias current
terms are typically quite low but are unmatched. Using bias
current cancellation techniques, more typical in bipolar input
amplifiers, does not improve output DC offset errors. Errors due
to the input bias current will only become dominant at elevated
temperatures. The OPA657 shows the typical 2X increase in
every 10
°C common to JFET-input stage amplifiers. Using the
5pA maximum tested value at 25
°C, and a 20°C internal self
heating (see thermal analysis), the maximum input bias current
at 85
°C ambient will be 5pA • 2(105 – 25)/10 = 1280pA. For
noninverting configurations, this term only begins to be a signifi-
cant term versus the input offset voltage for source impedances
> 750k
Ω. This would also be the feedback resistor value for
transimpedance applications (Figure 3) where the output DC
error due to inverting input bias current is on the order of that
contributed by the input offset voltage. In general, except for
these extremely high-impedance values, the output DC errors
due to the input bias current may be neglected.
After the input offset voltage itself, the most significant term
contributing to output offset voltage is the PSRR for the negative
supply. This term is modeled as an input offset voltage shift due
to changes in the negative power supply voltage (and similarly for
the +PSRR). The high-grade test limit for –PSRR is 68dB. This
translates into 0.40mV/V input offset voltage shift = 10(–68/20). This
low sensitivity to the negative supply voltage would require a 1.5V
change in the negative supply to match the
±0.6mV input offset
voltage error. The +PSRR is tested to a minimum value of 78dB.
This translates into 10(–78/20) = 0.125mV/V sensitivity for the input
offset voltage to positive power-supply changes.
As an example, compute the worst-case output DC error for the
transimpedance circuit of Figure 3 at 25
°C and then the shift
over the 0
°C to 70°C range given the following assumptions.
Negative Power Supply
= –5V
±0.2V with a ±5mV/°C worst-case shift
Positive Power Supply
= +5V
±0.2V with a ±5mV/°C worst-case shift
Initial 25
°C Output DC Error Band
=
±0.6mV (OPA657 high-grade input offset voltage limit)
±0.08mV (due to the –PSRR = 0.4mV/V • ±0.2V)
±0.04mV (due to the +PSRR = 0.2mV/V • ±0.2V)
Total =
±0.72mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com