Electronic Components Datasheet Search
  English  ▼

X  

OPA355 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355
Description  1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA355 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA355 Datasheet HTML 11Page - Texas Instruments OPA355 Datasheet HTML 12Page - Texas Instruments OPA355 Datasheet HTML 13Page - Texas Instruments OPA355 Datasheet HTML 14Page - Texas Instruments OPA355 Datasheet HTML 15Page - Texas Instruments OPA355 Datasheet HTML 16Page - Texas Instruments OPA355 Datasheet HTML 17Page - Texas Instruments OPA355 Datasheet HTML 18Page - Texas Instruments OPA355 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
OPA657
15
SBOS197B
www.ti.com
This would be the worst-case error band in volume produc-
tion at 25
°C acceptance testing given the conditions stated.
Over the temperature range (0
°C to 70°C), we can expect the
following worst-case shifting from initial value. A 20
°C inter-
nal junction self-heating is assumed here.
±0.36mV (OPA656 high-grade input offset drift)
=
±6µV/°C • (70°C + 20°C – 25°C)
±0.11mV (–PSRR of 66dB with 5mV • (70°C – 25°C) supply shift)
±0.04mV (+PSRR of 76dB with 5mV • (70°C – 25°C) supply shift)
Total =
±0.51mV
This would be the worst-case shift from an initial offset over
a 0
°C to 70°C ambient for the conditions stated. Typical initial
output DC error bands and shifts over temperature will be
much lower than these worst-case estimates.
In the transimpedance configuration, the CMRR errors can
be neglected since the input common-mode voltage is held
at ground. For noninverting gain configurations (Figure 1),
the CMRR term will need to be considered but will typically
be far lower than the input offset voltage term. With a tested
minimum of 91dB (28uV/V), the added apparent DC error will
be no more than
±0.06mV for a ±2V input swing to the circuit
of Figure 1.
POWER-SUPPLY CONSIDERATIONS
The OPA657 is intended for operation on
±5V supplies.
Single-supply operation is allowed with minimal change from
the stated specifications and performance from a single
supply of +8V to +12V maximum. The limit to lower supply
voltage operation is the useable input voltage range for the
JFET-input stage. Operating from a single supply of +12V
can have numerous advantages. With the negative supply at
ground, the DC errors due to the –PSRR term can be
minimized. Typically, AC performance improves slightly at
+12V operation with minimal increase in supply current.
THERMAL ANALYSIS
The OPA657 will not require heatsinking or airflow in most
applications. Maximum desired junction temperature will set
the maximum allowed internal power dissipation as de-
scribed below. In no case should the maximum junction
temperature be allowed to exceed 175
°C.
Operating junction temperature (TJ) is given by TA + PD • θJA.
The total internal power dissipation (PD) is the sum of
quiescent power (PDQ) and additional power dissipated in the
output stage (PDL) to deliver load power. Quiescent power is
simply the specified no-load supply current times the total
supply voltage across the part. PDL will depend on the
required output signal and load but would—for a grounded
resistive load—be at a maximum when the output is fixed at
a voltage equal to 1/2 of either supply voltage (for equal
bipolar supplies). Under this condition PDL = VS2/(4 • RL)
where RL includes feedback network loading.
Note that it is the power in the output stage and not into the
load that determines internal power dissipation.
As a worst-case example, compute the maximum TJ using an
OPA657N (SOT23-5 package) in the circuit of Figure 1
operating at the maximum specified ambient temperature of
+85
°C and driving a grounded 100Ω load.
PD = 10V • 16.1mA + 52 /(4 • (100Ω || 500Ω)) = 236mW
Maximum TJ = +85°C + (0.24W • 150°C/W) = 121°C.
All actual applications will be operating at lower internal
power and junction temperature.
BOARD LAYOUT
Achieving optimum performance with a high-frequency am-
plifier like the OPA657 requires careful attention to board
layout parasitics and external component types. Recommen-
dations that will optimize performance include:
a) Minimize parasitic capacitance to any AC ground for all
of the signal I/O pins. Parasitic capacitance on the output and
inverting input pins can cause instability—on the noninverting
input, it can react with the source impedance to cause
unintentional bandlimiting. To reduce unwanted capacitance,
a window around the signal I/O pins should be opened in all
of the ground and power planes around those pins. Other-
wise, ground and power planes should be unbroken else-
where on the board.
b) Minimize the distance (< 0.25”) from the power-supply
pins to high-frequency 0.1uF decoupling capacitors. At the
device pins, the ground and power plane layout should not
be in close proximity to the signal I/O pins. Avoid narrow
power and ground traces to minimize inductance between
the pins and the decoupling capacitors. The power-supply
connections should always be decoupled with these capaci-
tors. Larger (2.2
µF to 6.8µF) decoupling capacitors, effective
at lower frequency, should also be used on the supply pins.
These may be placed somewhat farther from the device and
may be shared among several devices in the same area of
the PC board.
c) Careful selection and placement of external components
will preserve the high frequency performance of the OPA657.
Resistors should be a very low reactance type. Surface-mount
resistors work best and allow a tighter overall layout. Metal film
and carbon composition axially leaded resistors can also pro-
vide good high-frequency performance. Again, keep their leads
and PC board trace length as short as possible. Never use
wirewound-type resistors in a high-frequency application. Since
the output pin and inverting input pin are the most sensitive to
parasitic capacitance, always position the feedback and series
output resistor, if any, as close as possible to the output pin.
Other network components, such as noninverting input termina-
tion resistors, should also be placed close to the package.
Where double-side component mounting is allowed, place the
feedback resistor directly under the package on the other side
of the board between the output and inverting input pins. Even
with a low parasitic capacitance shunting the external resistors,
excessively high resistor values can create significant time
constants that can degrade performance. Good axial metal film
or surface-mount resistors have approximately 0.2pF in shunt
with the resistor. For resistor values > 1.5k
Ω, this parasitic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com