Electronic Components Datasheet Search
  English  ▼

X  

UM803JS Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM803JS
Description  3-Pin Microprocessor Reset Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM803JS Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM803JS Datasheet HTML 1Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 2Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 3Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 4Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 5Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 6Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 7Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 8Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
3/11
UM803
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to +6.0
V
RESET
_____________
-0.3 to +6.0
ICC
Input Current, VCC
20
mA
IO
Output Current, RESET
_____________
20
mA
Rate of Rise, VCC
100
V/μs
PD
Continuous Power
Dissipation
SOT323
(Derate 2.17mW/°C above 70°C)
174
mW
SOT23-3
(Derate 4mW/°C above 70°C)
320
TA
Operating
Temperature Range
SOT323
-40 to +125
°C
SOT23-3
-40 to +105
TSTG
Storage Temperature Range
-65 to +150
°C
Lead Temperature (soldering, 10s)
+300
°C
Note 1: Stresses beyond those listed under “Absolute maximum Ratings” may cause permanent
damage to the device. These are stress ratings only and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com