Electronic Components Datasheet Search
  English  ▼

X  

UM803JS Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM803JS
Description  3-Pin Microprocessor Reset Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM803JS Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM803JS Datasheet HTML 2Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 3Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 4Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 5Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 6Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 7Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 8Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 9Page - Union Semiconductor, Inc. UM803JS Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
6/11
UM803
Detailed Description
A microprocessor’s (µP’s) reset input starts the µP in a known state. The UM803 asserts reset to
prevent code-execution errors during power-up, power-down, or brownout conditions. It asserts a
reset signal whenever the VCC supply voltage declines below a preset threshold, keeping it asserted
for at least 140ms after VCC has risen above the reset threshold. The UM803 uses an open-drain
output. Connect a pull-up resistor on the UM803’s RESET
_____________
output to any supply between 0 and 6V.
Applications Information
Negative-Going VCC Transient
In addition to issuing a reset to the µP during power-up, power-down, and brownout conditions, the
UM803 is relatively immune to short-duration negative-going VCC transients (glitches).
Figure 1 shows typical transient duration vs. reset comparator overdrive, for which the UM803 does
not generate a reset pulse. The graph was generated using a negative-going pulse applied to VCC,
starting 0.5V above the actual reset threshold and ending below it by the magnitude indicated (reset
comparator overdrive). The graph indicates the maximum pulse width a negative-going VCC
transient can have without causing a reset pulse. As the magnitude of the transient increases (goes
farther below the reset threshold), the maximum allowable pulse width decreases. Typically, for the
UM803L_, UM803M_ and UM803J_, a VCC transient that goes 100mV below the reset threshold
and lasts 20µs or less will not cause a reset pulse. A 0.1µF bypass capacitor mounted as close as
possible to the VCC pin provides additional transient immunity.
Figure 1. Maximum Transient Duration without Causing a Reset Pulse vs.
Reset Comparator Overdrive
Interfacing to μPs with Bidirectional Reset Pins
Since the RESET
_____________
output on the UM803 is open drain, this device interfaces easily with μPs that
have bidirectional reset pins, such as the Motorola 68HC11. Connecting the μP supervisor’s
RESET
_____________
output directly to the microcontroller’s (μC’s) RESET
_____________
pin with a single pull-up resistor
UM803L_/M_/J_
UM803T_/S_/R_/Z_



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com